Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1102 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCET1102
Description  Optocoupler, Phototransistor Output, High Temperarure
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1102 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCET1102 Datasheet HTML 1Page - Vishay Siliconix TCET1102 Datasheet HTML 2Page - Vishay Siliconix TCET1102 Datasheet HTML 3Page - Vishay Siliconix TCET1102 Datasheet HTML 4Page - Vishay Siliconix TCET1102 Datasheet HTML 5Page - Vishay Siliconix TCET1102 Datasheet HTML 6Page - Vishay Siliconix TCET1102 Datasheet HTML 7Page - Vishay Siliconix TCET1102 Datasheet HTML 8Page - Vishay Siliconix TCET1102 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Document Number: 83503
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.2, 16-May-08
811
TCET1100/TCET1100G
Optocoupler, Phototransistor Output,
High Temperarure
Vishay Semiconductors
Note
G = lead form 10.16 mm; G is not marked on the body
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to wave profile for soldering conditions for through hole devices (DIP).
ORDER INFORMATION
PART
REMARKS
TCET1100
CTR 50 to 600 %, DIP-4
TCET1101
CTR 40 to 80 %, DIP-4
TCET1102
CTR 63 to 125 %, DIP-4
TCET1103
CTR 100 to 200 %, DIP-4
TCET1104
CTR 160 to 320 %, DIP-4
TCET1105
CTR 50 to 150 %, DIP-4
TCET1106
CTR 100 to 300 %, DIP-4
TCET1107
CTR 80 to 160 %, DIP-4
TCET1108
CTR 130 to 260 %, DIP-4
TCET1109
CTR 200 to 400 %, DIP-4
TCET1100G
CTR 50 to 600 %, DIP-4
TCET1101G
CTR 40 to 80 %, DIP-4
TCET1102G
CTR 63 to 125 %, DIP-4
TCET1103G
CTR 100 to 200 %, DIP-4
TCET1104G
CTR 160 to 320 %, DIP-4
TCET1105G
CTR 50 to 150 %, DIP-4
TCET1106G
CTR 100 to 300 %, DIP-4
TCET1107G
CTR 80 to 160 %, DIP-4
TCET1108G
CTR 130 to 260 %, DIP-4
TCET1109G
CTR 200 to 400 %, DIP-4
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tP ≤ 10 µs
IFSM
1.5
A
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tP/T = 0.5, tP ≤ 10 ms
ICM
100
mA
COUPLER
Isolation test voltage (RMS)
t = 1 min
VISO
5000
VRMS
Operating ambient temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 125
°C
Soldering temperature
2 mm from case,
≤ 10 s
Tsld
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com