Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCST5250 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCST5250
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST5250 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCST5250_06 Datasheet HTML 1Page - Vishay Siliconix TCST5250_06 Datasheet HTML 2Page - Vishay Siliconix TCST5250_06 Datasheet HTML 3Page - Vishay Siliconix TCST5250_06 Datasheet HTML 4Page - Vishay Siliconix TCST5250_06 Datasheet HTML 5Page - Vishay Siliconix TCST5250_06 Datasheet HTML 6Page - Vishay Siliconix TCST5250_06 Datasheet HTML 7Page - Vishay Siliconix TCST5250_06 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TCST5250
Document Number 83787
Rev. 1.4, 16-Aug-06
Vishay Semiconductors
www.vishay.com
1
19208
C
C
A
E
CE
e2
Transmissive Optical Sensor with Phototransistor Output
Description
The TCST5250 is a transmissive sensor that includes
an infrared emitter and a phototransistor, located
face-to-face on the optical axes in a leaded package
which blocks visible light.
Features
• Package type: Leaded
• Detector type: Phototransistor
• Dimensions:
L 14.3 mm x W 6 mm x H 9.5 mm
• Gap: 2.7 mm
• Aperture: 0.5 mm
• Typical output current under test: IC = 1.5 mA
• Daylight blocking filter
• Emitter wavelength: 950 nm
• Lead (Pb)-free soldering released
• Lead (Pb)-free component in accordance with
RoHS 2002/95/EC and WEEE 2002/96/EC
• Minimum order quantity: 4860 pcs, 30 pcs/tube
Applications
• Optical switch
• Shaft encoder
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Coupler
Input (Emitter)
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
Tamb ≤ 25 °C
P250
mW
Operation temperature range
Tamb
- 25 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Distance to package 1.6 mm,
t
≤ 5 s
Tsd
260
°C
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µs
IFSM
3A
Power dissipation
Tamb ≤ 25 °C
PV
100
mW
Junction temperature
Tj
100
°C


Similar Part No. - TCST5250_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
More results

Similar Description - TCST5250_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1210 VISHAY-TCST1210 Datasheet
52Kb / 6P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST5123 VISHAY-TCST5123 Datasheet
76Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST1030 VISHAY-TCST1030_06 Datasheet
164Kb / 10P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1230 VISHAY-TCST1230_06 Datasheet
138Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
06-Nov-06
TCST1103 VISHAY-TCST1103 Datasheet
153Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
TCST2103 VISHAY-TCST2103_09 Datasheet
273Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST1103 VISHAY-TCST1103_V01 Datasheet
246Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
24-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com