Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZC2.2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZC2.2
Description  Silicon Epitaxial Planar Zener Diode for Surge Absorb
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZC2.2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZC2.2 Datasheet HTML 1Page - Renesas Technology Corp HZC2.2 Datasheet HTML 2Page - Renesas Technology Corp HZC2.2 Datasheet HTML 3Page - Renesas Technology Corp HZC2.2 Datasheet HTML 4Page - Renesas Technology Corp HZC2.2 Datasheet HTML 5Page - Renesas Technology Corp HZC2.2 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HZC Series
Rev.2.00 Jul 04, 2005 page 4 of 5
Main Characteristic
0
5
10 15 20 25
−0.06
30 35 40 45
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
−25
−20
−15
−10
−5
0
5
10
15
20
25
30
35
40
%/
°C
mV/
°C
Zener Voltage VZ (V)
Fig.2 Temperature Coefficient vs. Zener voltage
250
200
150
100
50
200
150
100
50
0
0
1.5
1.5
Polyimide board
20h
×15w×0.8t
unit: mm
Fig.2 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)
10
8
6
4
2
0
0
Zener Voltage VZ (V)
Fig.1 Zener current vs. Zener voltage
4
8
12
16
20
24
28
32
40
36



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com