Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8176 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8176
Description  TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8176 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8176 Datasheet HTML 1Page - STMicroelectronics TDA8176 Datasheet HTML 2Page - STMicroelectronics TDA8176 Datasheet HTML 3Page - STMicroelectronics TDA8176 Datasheet HTML 4Page - STMicroelectronics TDA8176 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC ELECTRICAL CHARACTERISTICS (VS = 35V, Tamb = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I5
Pin 5 Quiescent Current
I7 = 0
7
14
mA
I11
Pin 11 Quiescent Current
I9 = 0
8
17
mA
– I15
Oscillator Bias Current
V15 = 1 V
0.1
1
µA
– I1
Amplifier Input Bias Current
V1 = 1 V
0.1
10
µA
– I3
Ramp Generator Bias Current
V3 = 0
0.02
0.3
µA
– I3
Ramp Generator Current
I13 = 20
µA, V3 = 0
18.5
20
21.5
µA
∆I3
I3
Ramp Generator Non-linearity
∆V12 = 0 to 12 V
I13 = 20
µA
0.2
1
%
Vs
Supply Voltage Range
10
35
V
V4
Pin 4 Saturation Voltage to Ground
I4 = 1 mA
1
1.4
V
V7
Pin 7 Saturation Voltage to Ground
I7 = 10 mA
300
450
mV
V9
Quiescent Output Voltage
Vs = 10 V R1 = 10 k
Ω
R2 = 10 k
Ω
4.1
4.4
4.75
V
Vs = 35 V R1 = 30 k
Ω
R2 = 10 k
Ω
8.3
8.8
9.45
V
V9L
Output Saturation Voltage to Ground
– I9 = 0.1 A
0.9
1.2
V
– I9 = 0.8 A
1.9
2.3
V
V9H
Output Saturation Voltage to Supply
I9 = 0.1 A
1.4
2.1
V
I9 = 0.8 A
2.8
3.2
V
V12
Regulated Voltage at Pin 12
6.1
6.5
6.9
V
V13
Regulated Voltage at Pin 13
I13 = 10
µA
6.2
6.6
7
V
∆V12
∆VS
,
∆V13
∆VS
Regulated Voltage Drift with Supply Voltage
∆Vs = 10 to 35 V
1
mV/V
V1
Amplifier Input Reference Voltage
2.07
2.2
2.3
V
R14
Pin 8 Input Resistance
V14
≤ 0.4 V
1
M
Ω
TYPICAL PERFORMANCE OF THE CRCUIT OF FIG.1
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
25
V
IS
Supply Current
175
mA
tfly
Flyback Time
1
ms
Ptot
Power Dissipation
3.25
W
iy
Maximum Scanning Current (peak-to-peak)
1.4
A
TDA8176
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com