Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSDF1205R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSDF1205R
Description  12 GHz Silicon NPN Planar RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1205R Datasheet(HTML) 2 Page - Vishay Siliconix

  TSDF1205R Datasheet HTML 1Page - Vishay Siliconix TSDF1205R Datasheet HTML 2Page - Vishay Siliconix TSDF1205R Datasheet HTML 3Page - Vishay Siliconix TSDF1205R Datasheet HTML 4Page - Vishay Siliconix TSDF1205R Datasheet HTML 5Page - Vishay Siliconix TSDF1205R Datasheet HTML 6Page - Vishay Siliconix TSDF1205R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 85065
Rev. 1.7, 08-Sep-08
TSDF1205 / 1205R / 1205W / 1205RW
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35 µm Cu
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Collector-base voltage
VCBO
9V
Collector-emitter voltage
VCEO
4V
Emitter-base voltage
VEBO
2V
Collector current
IC
12
mA
Total power dissipation
Tamb ≤ 132 °C
Ptot
40
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Junction to ambient air
1)
RthJA
450
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter cut-off current
VCE = 12 V, VBE = 0
ICES
100
µA
Collector-base cut-off current
VCB = 10 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 1 V, IC = 0
IEBO
2µA
Collector-emitter breakdown
voltage
IC = 1 mA, IB = 0
V(BR)CEO
4V
Collector-emitter saturation
voltage
IC = 5 mA, IB = 0.5 mA
VCEsat
0.1
0.5
V
DC forward current transfer ratio VCE = 2 V, IC = 2 mA
hFE
50
120
250



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com