Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M51996AP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M51996AP
Description  Switching Regulator Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51996AP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M51996AP Datasheet HTML 15Page - Renesas Technology Corp M51996AP Datasheet HTML 16Page - Renesas Technology Corp M51996AP Datasheet HTML 17Page - Renesas Technology Corp M51996AP Datasheet HTML 18Page - Renesas Technology Corp M51996AP Datasheet HTML 19Page - Renesas Technology Corp M51996AP Datasheet HTML 20Page - Renesas Technology Corp M51996AP Datasheet HTML 21Page - Renesas Technology Corp M51996AP Datasheet HTML 22Page - Renesas Technology Corp M51996AP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
M51996AP/AFP
REJ03D0836-0201 Rev.2.01 Nov 14, 2007
Page 19 of 35
Voltage Detector Circuit (DET) Section
The DET terminal can be used to control the output voltage which is determined by the winding ratio of fly back
transformer in fly-back system or in case of common ground circuit of primary and secondary in feed forward system.
The circuit diagram is quite similar to that of shunt regulator type 431 as shown in figure 11. As well known from
figure 11 and figure 12, the output of OP AMP has the current-sink ability, when the DET terminal voltage is higher
than 2.5 V.
But it becomes high impedance state when lower than 2.5 V DET terminal and F/B terminal have inverting phase
characteristics each other, so it is recommended to connect the resistor and capacitor in series between them for phase
compensation. It is very important one can not connect by resistor directly as there is the voltage difference between
them and the capacitor has the DC stopper function.
≈ 7.1 V
DET
5.4 k
10.8 k
10.8 k
1.2 k
F/B
6 S
3 k
500
Ω
1 S
10 S
Figure 11 Voltage Detector Circuit Section (DET)
≈ 7.1 V
F/B
DET
2.5 V
500
Ω
6 S
3 k
1 S
+
−
OP
AMP
Figure 12 Schematic Diagram of Voltage Detector Circuit Section (DET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com