Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52347SP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M52347SP
Description  Sync Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52347SP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M52347SP Datasheet HTML 9Page - Renesas Technology Corp M52347SP Datasheet HTML 10Page - Renesas Technology Corp M52347SP Datasheet HTML 11Page - Renesas Technology Corp M52347SP Datasheet HTML 12Page - Renesas Technology Corp M52347SP Datasheet HTML 13Page - Renesas Technology Corp M52347SP Datasheet HTML 14Page - Renesas Technology Corp M52347SP Datasheet HTML 15Page - Renesas Technology Corp M52347SP Datasheet HTML 16Page - Renesas Technology Corp M52347SP Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
M52347SP/FP
Rev.2.00 Sep 14, 2006 page 15 of 16
Application Example (fH = 50 kHz, fV = 80 Hz)
+
10
µ
V IN
4.7
µ
100
3 k
18 k
COMP/H
IN
4.7
µ
4.7
µ
100
3 k
18 k
0.01
µ
0.01
µ
+
+
VCC 5 V
0.068
µ
4.3 k
220 p
: 5 V
Units Resistance:
Ω
Capacitance: F
CLAMP
TIMING
CLAMP
SW
GREEN
IN
GND
COMP/H
DET
V TIME GATE
SW
H
L
V DET
H.STATE
V.STATE
V.POL.
H.POL. CLAMP+
OUT
HD+
OUT
VD+
OUT
V S/S
OUT
V S/S
IN
HD−
OUT
47
µ
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
CLAMP
GEN
EDGE
SW
V.TIME
GATE
V.SYNC
SEP
SYNC
SEP
H
SHAPE
H
DET
LOGIC
LOGIC
V
SHAPE
V
DET
100 p
43 k
(POSI NON NEG)
(POSI NON NEG)
(POSI NON NEG)
(POSI NON NEG)
1.0
µ
56 k
H
M
L
4.7
µ
0.01
µ
Note:
External circuit for input of pins 6 and 8
When amplitude of up to 5 VP-P is entered into this circuit, can be kept constant at approx. 0.6 VP-P.
When the duty of input signal at pins 6 and 8 changes, the most broad support range is obtained
with amplitude of 0.6 VP-P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com