Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8218 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8218
Description  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8218 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8218 Datasheet HTML 1Page - STMicroelectronics TDA8218 Datasheet HTML 2Page - STMicroelectronics TDA8218 Datasheet HTML 3Page - STMicroelectronics TDA8218 Datasheet HTML 4Page - STMicroelectronics TDA8218 Datasheet HTML 5Page - STMicroelectronics TDA8218 Datasheet HTML 6Page - STMicroelectronics TDA8218 Datasheet HTML 7Page - STMicroelectronics TDA8218 Datasheet HTML 8Page - STMicroelectronics TDA8218 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA8218
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
POWERDIP 16 + 2 + 2
(Plastic Package)
ORDER CODE : TDA8218
.
DIRECT FRAME-YOKE DRIVE (
± 1A)
.
COMPOSITE VIDEO SIGNAL INPUT CAPA-
BILITY
.
FRAME OUTPUT PROTECTION AGAINST
SHORT CIRCUITS
.
PLL
.
SUPER SANDCASTLE OUTPUT
.
VERY FEW EXTERNAL COMPONENTS
.
VERY LOW COST POWER PACKAGE
.
STABLE FRAME BLANKING PULSE, GEN-
ERATED BY EXTERNAL RC, FOR COMPATI-
BILITY WITH TEA 5640
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
FRAME OSCILLATOR
FRAME FLYBACK GENERATOR
GROUND
GROUND
POWER AMPLIFIER INPUT
FRAME POWER SUPPLY
FRAME OUTPUT
LINE OSCILLATOR
PHASE DETECTOR
LINE SAWTOOTH INPUT
GROUND
GROUND
LINE OUTPUT
LINE FLYBACK
SUPER SANDCASTLE OUTPUT
VIDEO INPUT
VCC1
VCC2
FRAME BLANKING R.C. NETWORK
BURST KEY R.C. NETWORK
PIN CONNECTIONS
DESCRIPTION
The TDA8218 is an horizontal and vertical deflec-
tion circuit with super sandcastle generator. Used
with automatic PAL/SECAM decoder TEA5640,
this IC permits a complete low-cost solution for
PAL/SECAM applications.
1/9


Similar Part No. - TDA8218

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8213 STMICROELECTRONICS-TDA8213 Datasheet
131Kb / 8P
VIDEO & SOUND IF SYSTEM
Oct-1993
TDA8214 STMICROELECTRONICS-TDA8214 Datasheet
160Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8217 STMICROELECTRONICS-TDA8217 Datasheet
88Kb / 9P
PAL DECODER AND VIDEO PROCESSOR
Apr-1996
More results

Similar Description - TDA8218

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
Integrated Circuit Horizontal and Vertical Deflection Monitor
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
logo
STMicroelectronics
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
Sep-1996
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
logo
Integral Corp.
ILA3654 INTEGRAL-ILA3654 Datasheet
173Kb / 3P
VERTICAL DEFLECTION AND GUARD CIRCUIT
logo
STMicroelectronics
TEA2117 STMICROELECTRONICS-TEA2117 Datasheet
465Kb / 8P
Horizontal and vertical deflection monitor
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
13-May-2004
logo
Unisonic Technologies
PC1031 UTC-PC1031 Datasheet
95Kb / 4P
TV HORIZONTAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com