Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF970 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BF970
Description  Silicon PNP Planar RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF970 Datasheet(HTML) 2 Page - Vishay Siliconix

  BF970 Datasheet HTML 1Page - Vishay Siliconix BF970 Datasheet HTML 2Page - Vishay Siliconix BF970 Datasheet HTML 3Page - Vishay Siliconix BF970 Datasheet HTML 4Page - Vishay Siliconix BF970 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85006
Rev. 1.5, 05-Sep-08
BF979
Vishay Semiconductors
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
- VCE = 10 V, - IC = 10 mA,
f = 300 MHz
fT
1750
MHz
- VCE = 10 V, - IC = 30 mA,
f = 300 MHz
fT
1300
MHz
Collector-base capacitance
- VCB = 10 V, f = 100 MHz
Ccb
0.6
pF
Noise figure
- VCE = 10 V, - IC = 10 mA,
ZS = 50 Ω, f = 800 MHz
F3.4
4.2
dB
Power gain
- VCE = 10 V, - IC = 10 mA,
ZS = 50 Ω, ZL = 500 Ω,
f = 800 MHz
Gpb
16
dB
Collector current for Gpbmax
- VCE = 10 V, ZL = 500 Ω,
f = 800 MHz
- IC
10
mA
Figure 1. Total Power Dissipation vs. Ambient Temperature
Figure 2. Transition Frequency vs. Collector Current
(°C)
0
300
600
900
1200
1500
1800
2100
0
5
10
15
20
25
30
35
–IC – Collector Current ( mA )
12848
–VCB =10V
f = 300 MHz
Figure 3. Collector Base Capacitance vs. Collector Base Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0
4
8
12
16
20
–VCB – Collector Base Voltage(V)
12876



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com