Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9103 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9103
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9103 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9103 Datasheet HTML 1Page - STMicroelectronics TDA9103 Datasheet HTML 2Page - STMicroelectronics TDA9103 Datasheet HTML 3Page - STMicroelectronics TDA9103 Datasheet HTML 4Page - STMicroelectronics TDA9103 Datasheet HTML 5Page - STMicroelectronics TDA9103 Datasheet HTML 6Page - STMicroelectronics TDA9103 Datasheet HTML 7Page - STMicroelectronics TDA9103 Datasheet HTML 8Page - STMicroelectronics TDA9103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TDA9103
DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
May 1996
SHRINK42
(Plastic Package)
ORDER CODE : TDA9103
HORIZONTAL
.
DUAL PLL CONCEPT
.
150kHz MAXIMUM FREQUENCY
.
SELF-ADAPTIVE (EX : 30 TO 85kHz)
.
X-RAY PROTECTION INPUT
.
DC ADJUSTABLE DUTY-CYCLE
.
INTERNAL 1st PLL LOCK/UNLOCK IDENTIFICA-
TION
.
4 OUTPUTS FOR S-CORRECTION
.
WIDE RANGE DC CONTROLLED H-POSITION
.
ON/OFF SWITCH (FOR PWR MANAGEMENT)
.
TWO H-DRIVE POLARITIES
VERTICAL
.
VERTICAL RAMP GENERATOR
.
50 TO 150Hz AGC LOOP
.
DC CONTROLLED V-AMP, V-POS, S-AMP AND S-
CENTERING
.
ON/OFF SWITCH
B+ REGULATOR
.
INTERNAL PWM GENERATOR FOR B+ CURRENT
MODE STEP-UP CONVERTER
.
DC ADJUSTABLE B+ VOLTAGE
.
OUTPUT PULSES SYNCHRONISED ON HORIZON-
TAL FREQUENCY
.
INTERNAL MAXIMUM CURRENT LIMITATION
EWPCC
.
VERTICAL PARABOLA GENERATOR WITH DC
CONTROLLED KEYSTONE AND AMPLITUDE
GENERAL
.
ACCEPT POS. OR NEG. H AND V SYNC POLARI-
TIES
.
SEPARATED H AND V TTL INPUT
.
SAFETY BLANKING OUTPUT
DESCRIPTION
The TDA9103 is a monolithic integrated circuit assembled
in a 42 pins shrunk dual in line plastic package.
This IC controls all the functions related to the horizontal
and vertical deflection in multimodes or multisync monitors.
As can be seen in the block diagram, the TDA9103 includes
the following functions :
- Positive or Negative sync polarities,
- Auto-sync horizontal processing,
- H-PLL lock/unlock identification,
- Auto-sync Vertical processing,
- East/West signal processing block,
- B+ controller,
- Safety blanking output.
T his I C, combined with TDA9205 (RG B preamp),
STV9420/21 or 22 (O.S.D. processor), ST7271 (micro
controller) and TDA8172 (vertical booster), allows to real-
ize very simple and high quality multimodes or multisync
monitors.
1
2
3
4
5
6
7
8
9
10
11
12
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
24
23
22
I
SENSE
COMP
REGIN
B+-ADJ
KEYST
E/W-AMP
E/WOUT
PLL1INHIB
VSYNC
V-POS
VDCOUT
V-AMP
VOUT
VS-CENT
VS-AMP
VCAP
VREF
VAGCCAP
VGND
SBLKOUT
B+OUT
PLL2C
H-DUTY
HFLY
HGND
HREF
S4
S3
S2
S1
C0
R0
PLL1F
HLOCK-CAP
FH-MIN
H-POS
XRAY-IN
HSYNC
V
CC
GND
H-OUTEM
H-OUTCOL
PIN CONNECTIONS
1/27


Similar Part No. - TDA9103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9102 STMICROELECTRONICS-TDA9102 Datasheet
84Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1996
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
84Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1996
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
TDA9102CT STMICROELECTRONICS-TDA9102CT Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
TDA9102F STMICROELECTRONICS-TDA9102F Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
More results

Similar Description - TDA9103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6886 STMICROELECTRONICS-STV6886 Datasheet
486Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Apr-2000
STV7778S STMICROELECTRONICS-STV7778S Datasheet
125Kb / 11P
DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Sep-1998
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1996
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9116 STMICROELECTRONICS-TDA9116 Datasheet
725Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
23-Nov-2000
STV6888 STMICROELECTRONICS-STV6888 Datasheet
722Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Aug-2003
STV6889 STMICROELECTRONICS-STV6889 Datasheet
1Mb / 56P
HIGH-END I²C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
May-2004
logo
Samsung semiconductor
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com