Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLL4738 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GLL4738
Description  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLL4738 Datasheet(HTML) 1 Page - Vishay Siliconix

  GLL4738 Datasheet HTML 1Page - Vishay Siliconix GLL4738 Datasheet HTML 2Page - Vishay Siliconix GLL4738 Datasheet HTML 3Page - Vishay Siliconix GLL4738 Datasheet HTML 4Page - Vishay Siliconix GLL4738 Datasheet HTML 5Page - Vishay Siliconix GLL4738 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GLL4735 to GLL4763A
Document Number 85781
Rev. 1.4, 06-Aug-04
Vishay Semiconductors
www.vishay.com
1
18267
Zener Diodes
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94 V-0
• For surface mounted applications
• Glass passivated chip junction
• Low zener impedance
• Low regulation factor
• High temperature soldering guaranteed:
250 °C/ 10 seconds at terminals
Mechanical Data
Case: MELF Plastic molded plastic over glass passi-
vated junction
Terminals: Solder plated, solderable per MIL-STD-
750, Method 2026
Polarity: Red band denotes Zener diode and positive
end (cathode)
Mounting Position: Any
Weight: 0.0046oz., 116 mg
Packaging codes/options:
26 / 5 k per 13 " Reel (12 mm tape), 60 k/box
46 / 1.5 k per 7 " Reel (12 mm tape), 30 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Zener current (see Table
"Characteristics")
Power dissipation
Ptot
1.0 3)
W
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
RthJA
170
°C/W
Junction temperature
Tj
150
°C
Storage temperature
TS
- 65 to + 150
°C


Similar Part No. - GLL4738

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GLL4738 GE-GLL4738 Datasheet
37Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Vishay Siliconix
GLL4738 VISHAY-GLL4738 Datasheet
95Kb / 5P
Zener Diodes
06-Dec-11
logo
SUNMATE electronic Co.,...
GLL4738A SUNMATE-GLL4738A Datasheet
598Kb / 3P
SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - GLL4738

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com