Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9105 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA9105
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA9105 Datasheet HTML 1Page - STMicroelectronics TDA9105 Datasheet HTML 2Page - STMicroelectronics TDA9105 Datasheet HTML 3Page - STMicroelectronics TDA9105 Datasheet HTML 4Page - STMicroelectronics TDA9105 Datasheet HTML 5Page - STMicroelectronics TDA9105 Datasheet HTML 6Page - STMicroelectronics TDA9105 Datasheet HTML 7Page - STMicroelectronics TDA9105 Datasheet HTML 8Page - STMicroelectronics TDA9105 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PIN DESCRIPTION
Pin
Name
Function
1
V-FOCUS
Vertical Dynamic Focus Output
2
H-LOCKOUT
First PLL Lock/Unlock Output
3
PLL2C
Second PLL Loop Filter
4
H-DUTY
DC Control of Horizontal Drive Output Pulse Duty-cycle. If this Pin is grounded, the Horizontal
and Vertical Outputs are inhibited. By connecting a Capacitor on this Pin a Soft-start function
may be realized on H-drive Output.
5
H-FLY
Horizontal Flyback Input (positive polarity)
6
H-GND
Horizontal Section Ground
7
H-REF
Horizontal Section Reference Voltage, must be filtered
8
FC2
VCO Low Threshold Filtering Capacitor
9
FC1
VCO High Threshold Filtering Capacitor
10
C0
Horizontal Oscillator Capacitor
11
R0
Horizontal Oscillator Resistor
12
PLL1F
First PLL Loop Filter
13
H-LOCKCAP
First PLL Lock/Unlock Time Constant Capacitor. When Frequency is changing, a Blanking
Pulse is generated on Pin 23, the duration of this Pulse is proportionnel to the Capacitor on
Pin 13.
14
PLL1INHIB
TTL-Compatible Input for PLL1 Output Current Inhibition
15
H-POS
DC Control for Horizontal Centering
16
XRAY-IN
X-RAY protection Input (with internal latch function)
17
H-SYNC
TTL compatible Horizontal Sync Input
18
VCC
Supply Voltage (12V Typ.)
19
GND
Ground
20
H-OUTEM
Horizontal Drive Output (emiter of internal transistor)
21
H-OUTCOL
Horizontal Drive Output (open collector of internal transistor)
22
BLK OUT
Blanking Output, activated during frequency changes, when X-RAY Input is triggered, when
VS is too low, or when Device is in stand-by mode (through H-DUTY Pin 2) and during H-FLY,
V-FLY, V-SYNC, VSawth retrace.
23
MOIRE
Moire Output
24
V-GND
Vertical Section Signal Ground
25
V-AGCCAP
Memory Capacitor for Automatic Gain Control Loop in Vertical Ramp Generator
26
V-REF
Vertical Section Reference Voltage
27
V-CAP
Vertical Sawtooth Generator Capacitor
28
VS-AMP
DC Control of Vertical S-Shape Amplitude
29
C-CORR
DC Control of Vertical C-Correction
30
V-OUT
Vertical Ramp Output (with frequency independant amplitude and S-Correction)
31
V-AMP
DC Control of Vertical Amplitude Adjustment
32
VDCOUT
Vertical Position Reference Voltage Output
33
V-POS
DC Control of Vertical Position Adjustment
34
V-SYNC
TTL-Compatible Vertical Sync Input
35
VDCIN
Geometric Correction Reference Voltage Input
36
V-FLY
Vertical Flyback Input (positive polarity)
37
EWOUT
East /West Pincushion Correction Parabola Output
38
KEYST
DC Control of Keystone Correction
39
EWAMP
DC Control East/West Pincushion Correction Amplitude
40
GEOMOUT
Side Pin Balance & Parallelogram Correction Parabola Output
41
KEYBAL
DC Control of Parallelogram Correction
42
SPINBAL
DC Control of Side Pin Correction Amplitude
TDA9105
2/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com