Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSIB2040 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GSIB2040
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB2040 Datasheet(HTML) 3 Page - Vishay Siliconix

  GSIB2040 Datasheet HTML 1Page - Vishay Siliconix GSIB2040 Datasheet HTML 2Page - Vishay Siliconix GSIB2040 Datasheet HTML 3Page - Vishay Siliconix GSIB2040 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
GSIB2020 thru GSIB2080
Vishay General Semiconductor
Document Number: 88645
Revision: 31-Jan-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in millimeters
Figure 3. Typical Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
0.6
1.0
1.2
1.4
0.8
0.01
0.1
10
1
100
Instantaneous Forward Voltage (V)
040
60
20
100
80
0.1
1
100
10
1000
Percent of Rated Peak Reverse Voltage (%)
T
A = 125 °C
T
A = 25 °C
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance
10
1
100
1000
1
10
100
Reverse Voltage (V)
10
1
0.1
0.1
10
1
0.01
t - Heating Time (s)
2.5 ± 0.2
2.2 ± 0.2
1 ± 0.1
10 ± 0.2
7.5
± 0.2
2.7 ± 0.2
0.7 ± 0.1
4.6 ± 0.2
3.6 ± 0.2
+
7.5
± 0.2
30 ± 0.3
Case Style GSIB-5S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com