Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52790SP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M52790SP
Description  AV Switch with I2C Bus Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52790SP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M52790SP Datasheet HTML 1Page - Renesas Technology Corp M52790SP Datasheet HTML 2Page - Renesas Technology Corp M52790SP Datasheet HTML 3Page - Renesas Technology Corp M52790SP Datasheet HTML 4Page - Renesas Technology Corp M52790SP Datasheet HTML 5Page - Renesas Technology Corp M52790SP Datasheet HTML 6Page - Renesas Technology Corp M52790SP Datasheet HTML 7Page - Renesas Technology Corp M52790SP Datasheet HTML 8Page - Renesas Technology Corp M52790SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M52790SP/FP
Rev.2.00 Sep 14, 2006 page 2 of 13
Block Diagram
R-MODE2
L-MODE1
L-MODE2
R-MODE1
R
M
L
R
M
L
R
M
L
R
M
L
L-SW2
L-SW1
R-SW2
R-SW1
C-SW2
Y-SW2
V-SW2
C-SW1
Y-SW1
V-SW1
N
VCC
0/6 dB
0/6 dB
0/6 dB
0/6 dB
0/6 dB
0/6 dB
0 dB
0 dB
0 dB
0 dB
S
S
N
GND
BIAS
Lch 4 IN
Lch 3 IN
Lch 2 IN
Lch T IN
Rch 4 IN
Rch 3 IN
Rch 2 IN
C 4 IN
C 3 IN
C 2 IN
Y 4 IN
Y 3 IN
Y 2 IN
VIDEO 3 IN
VIDEO 4 IN
VIDEO 2 IN
TUNER IN
Rch T IN
V 1 OUT
V 2 OUT
C 2 OUT
Y 1 OUT
C 1 OUT
Rch 2 OUT
Rch 1 OUT
Lch 2 OUT
Lch 1 OUT
Y 2 OUT
C IN
Y IN
SDA
SCL
CHIP
SELECT
I2C Control
BIAS
33
5
17
3
18
6
21
12
14
36
15
16
8
11
25
2
9
1
35
10
13
4
24
27
32
31
34
29
22
26
28
30
23
7
Y/C
Sepa.
20
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com