Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61314SP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M61314SP
Description  I2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61314SP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M61314SP Datasheet HTML 2Page - Renesas Technology Corp M61314SP Datasheet HTML 3Page - Renesas Technology Corp M61314SP Datasheet HTML 4Page - Renesas Technology Corp M61314SP Datasheet HTML 5Page - Renesas Technology Corp M61314SP Datasheet HTML 6Page - Renesas Technology Corp M61314SP Datasheet HTML 7Page - Renesas Technology Corp M61314SP Datasheet HTML 8Page - Renesas Technology Corp M61314SP Datasheet HTML 9Page - Renesas Technology Corp M61314SP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
M61314SP
Rev.2.00 Sep 14, 2006 page 9 of 9
Package Dimensions
2.
1.
DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
16
17
32
1
SEATING PLANE
*2
*3
*3
D
e
b3
b2
bp
5.08
A1
b3
15°
e
1.778
c
L
3.0
0.51
0.9
1.0
1.3
A
E
8.75
8.9
9.05
D
27.8
28.0
28.2
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.22
0.27
0.34
P-SDIP32-8.9x28-1.78
2.2g
MASS[Typ.]
32P4B
PRDP0032BA-A
RENESAS Code
JEITA Package Code
Previous Code
bp
0.35
0.45
0.55
10.16
9.86
10.46
b2
0.63
0.73
1.03
A2
3.8
0°
1.528
2.028
e1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com