Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62055FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62055FP
Description  3 V Power Supply with Watchdog Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62055FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62055FP Datasheet HTML 1Page - Renesas Technology Corp M62055FP Datasheet HTML 2Page - Renesas Technology Corp M62055FP Datasheet HTML 3Page - Renesas Technology Corp M62055FP Datasheet HTML 4Page - Renesas Technology Corp M62055FP Datasheet HTML 5Page - Renesas Technology Corp M62055FP Datasheet HTML 6Page - Renesas Technology Corp M62055FP Datasheet HTML 7Page - Renesas Technology Corp M62055FP Datasheet HTML 8Page - Renesas Technology Corp M62055FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M62055FP
Rev.2.00 Mar 10, 2006 page 3 of 9
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
13
V
Output voltage
VRM
10
V
Reset pin
Output current
IRM
10
mA
Watchdog pin input voltage
VWDM
3
V
Thermal derating
K
θ
4.0
mV/°C
Ta
≥ 25°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
DC Characteristics
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply voltage
VCC
3.5
—
13
V
Circuitry current
ICC
—
500
900
µA
Output voltage
VO
2.85
3.00
3.15
V
Bias current
IBmax
—
10
—
mA
Listing short-circuit bias current
IBSC
—
1
—
mA
Input voltage regulation
Reg-in
—
0.02
—
%/V
VCC = 3.5V to 13V
Loading voltage regulation
Reg-lo
—
20
—
mV
IO = 10mA to 100mA
Output voltage thermal coefficient
∆V
O/
∆T
—
0.02
—
%/T
Battery
backup
regulator
CLM threshold voltage
VTHCLM
—
200
—
mV
VTH1(H)
2.68
2.82
2.96
V
VTH1(L)
2.58
2.72
2.86
V
VO detection voltage
∆V
TH1
—
0.1
—
V
Output voltage
VOL(RST)
—
0.2
0.4
V
Isink = 4mA
Output leakage current
Reset pin
Ileak
—
—
5
µA
VTH2(H)
2.28
2.40
2.52
V
Watchdog timer threshold voltage
VTH2(L)
0.95
1.00
1.05
V
WD input current
IWD
—
—
1
µA
VIN = 3V
WD input threshold voltage
VTH(WD)
—
1.5
—
V
TC output current
Itco
—
—
–1
µA
VIN = 0.8V
Itc1
—
2.0
—
mA
VIN = 2.4V
TC input current
Itc2
8.0
—
—
mA
In the output cutoff
transmission mode
Reset,
watchdog
timer
VCC min operating voltage
VCCMIN
—
—
2.0
V
*1
Note:
1. The VCC minimum operating voltage at which the RESET output is low.
AC Characteristics
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Watchdog timer
tWD
0.5
1.2
1.7
ms
C = 0.1
µF, R
1 = 10k
Ω
Reset timer (1)
tRST(1)
0.2
0.5
1.1
ms
C = 0.1
µF, R
1 = 10k
Ω
Reset timer (2)
tRST(2)
—
—
10
ms
CO = 10
µF, R
1 = 10k
Ω, I
L = 0
Input pulse width
tWDIN
3
—
—
µs
Transmission delay time
td
—
20
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com