Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62003P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M62003P
Description  Low Power 2 Output System Reset IC Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62003P Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M62003P Datasheet HTML 2Page - Renesas Technology Corp M62003P Datasheet HTML 3Page - Renesas Technology Corp M62003P Datasheet HTML 4Page - Renesas Technology Corp M62003P Datasheet HTML 5Page - Renesas Technology Corp M62003P Datasheet HTML 6Page - Renesas Technology Corp M62003P Datasheet HTML 7Page - Renesas Technology Corp M62003P Datasheet HTML 8Page - Renesas Technology Corp M62003P Datasheet HTML 9Page - Renesas Technology Corp M62003P Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
M62001L/FP to M62008L/FP
Rev.1.00 Sep 14, 2005 page 6 of 9
Operating Principle
Description
In general, the memory backup function of a microcomputer, as shown in figure 1, uses two diodes to switch between
main power supply and backup power supply. The M62001 to M62008 are ICs that, in such memory backup operation,
monitor in two steps each voltage on the VDD line.
VCC
VDD
INT
RESET
Microcomputer
system
Main power
supply
Backup
power
supply
INT
RESET
M62001
Figure 1
The ICs have an intelligent sequence such as substantial hysteresis action of
RESET toward normal state at restoration
of supply voltage, as well as two-step detection in low power dissipation mode.
Detailed Description
1. Two-step detection
The ICs perform two-step detection of supply voltage and have two output pins (
INT and RESET). Although they
have two comparators for two-step detection, they differ significantly from such that are simply provided with
independent detectors, because the
RESET output signal is dependent at power-up and the like upon the INT output
signal.
2.
INT output (Detection of 4.45 V and 4.25 V)
The
INT output at the power-up of supply voltage detects V
SH (4.45 V/4.25 V) to inform the microcomputer system
of the fact that the supply voltage has reached its normal level. When the supply voltage drops from its normal level
to VSL (4.45 V/4.25 V) an interruption signal is output to alter the microcomputer system into RAM backup mode.
The microcomputer at this point enters sleep state and secures memory by a stop command issued by the
interruption signal. These detection voltage, VSH the rise, and VSL the fall, of supply voltage, have a 100 mV
hysteresis voltage between themselves.
VSH – VSL ≈ 100 (mV)
INT Output Voltage vs. Supply Voltage
5
0
4.04.2
4.44.6
4.85.0
2
4
1
3
Supply Voltage VCC (V)
VSH
VSL
Figure 2
INT Output (Detection of 4.45 V and 4.25 V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com