Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9111 Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 35Page - STMicroelectronics TDA9111 Datasheet HTML 36Page - STMicroelectronics TDA9111 Datasheet HTML 37Page - STMicroelectronics TDA9111 Datasheet HTML 38Page - STMicroelectronics TDA9111 Datasheet HTML 39Page - STMicroelectronics TDA9111 Datasheet HTML 40Page - STMicroelectronics TDA9111 Datasheet HTML 41Page - STMicroelectronics TDA9111 Datasheet HTML 42Page - STMicroelectronics TDA9111 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
TDA9111
39/43
Figure 40. Demonstration Board
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
H/HVIN
VSYNCIN
H Lock out
PLL2C
C0
R0
PLL1F
H
H FOCUS-
CAP
FOCUS
OUT
HGND
HFLY
HREF
COMP
R EGIN
ISENSE
+5V
SDA
SCL
V
CC
B+OUT
GND
HOUT
XRAY
EWOUT
VOUT
VCAP
VREF
VAGCCA P
VGND
BREATH
B+GND
POSITION
TP1
J11
TP13
TP17
J12
TP16
TP10
C7 22n F
C28
820pF 5%
R23
(***)
C13 10n F
C31 4.7
µF
R36
C17 470 nF
C34
820 pF 5%
HREF
C33
100nF
C27
47
µF
C46
1nF
R5 0
1M
Ω
C51
22
µF
JP1
R89
33k
Ω
R51
1k
Ω
ISENSE
GND
B+OU T
REGIN
C47
100pF
R58
10
Ω
+12V
C60
100nF
R77
15k
Ω
R74
10k
Ω
R73
1M
Ω
R75
10k
Ω
TP8
EHT
COM P
R76
47k
Ω
P1
10k
Ω
CON4
J19
1
2
3
4
DYN
FOCU S
R24
10k
Ω
L
47µH
R25
1k
Ω
J9
HFL Y
J8
C22
33pF
R8
10 k
Ω
HOUT
C25
33pF
R10
10k
Ω
R35
10k
Ω
+12V
PC2
47k
Ω
CC 4
47 pF
+12V
CC1
100nF
CC2
10
µF
+12V
CC3
47pF
PC1
47k
Ω
-12V
1
234
567
8
9
10
11
12
13
14
15
16
C50
10
µF
L3
22
µH
Q4
BC557
Q5
BC54 7
C2
100nF
C3
47
µF
470nF
C15
C12
150nF
+12V
R52
3.9k
Ω
R4 5
33kΩ
R7
10kΩ
C49
100nF
HOUT
C48
10
µF
R53
1k
Ω
+12V
R56
560k
Ω
D2
1N4 148
+12V
C5
100
µF
C6
100nF
C30
100
µF
C32
100n F
L1
22
µH
+5V
J16 J15
+5V
R39
4.7k
Ω
R2 9
4.7k
Ω
R42
100
Ω
J14
12
3
4
C39
22pF
C40
22pF
R41
100
Ω
SCL
SDA
C38
33p F
C45
10
µF
R49
22k
Ω
+5V
TILT
J13
R43
10k
Ω
C42
1
µF
R30
10k
Ω
+5V
C43
47
µF
C37
33pF
X1
8MH z
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 2 4
E/W POWER STAGE
R38
2.2
Ω
3W
J1
E/W
R1 9
27 0k
Ω
C1 1220 pF
Q3
TIP122
R18
10k
Ω
R33
4.7k
Ω
R9
470
Ω
R34
1k
Ω
Q1
BC557
Q2
BC 557
R37
27k
Ω
R15
1k
Ω
R17
43k
Ω
C3 6
1
µF
+12V
J2
J3
J6
1
2
3
J18
VYOKE
R1 1
220
Ω
0.5 W
R4
1
Ω
0.5 W
R5
5.6
Ω
+12V
-12V
TP3
TP4
TP6
TP7
C9
100n F
C14
470
µF
C10
100
µF
35V
D1
1 n4004
-1 2V
C10
470
µF
C8
100nF
C1
220nF
R3
1.5
Ω
C4
100n F
R2
5.6k
Ω
IC1
TDA8172
R40
36k
Ω
R1
12k
Ω
C41
470pF
VER TICA L D EFLECTION STAGE
J17
HOUT
C16 (*)
IC4
TDA9111
TP14
D10
1N4 148
D9
1 N4148
D8
1N41 48
R90
10k
R78
10
Ω
(∗∗)
R31
27k (**)
(**)
(**)
(**) see tabl e
9109A
91 11
R78
Short ed
Mou nted
R90
Remove d
Mou nted
R31
Mount ed
Removed
R17
270k
Ω
43k
Ω
R18
39k
Ω
10k
Ω
(*) o ptional
+12V
TP22
1.8 k
Ω
(***)
For R23=6.49kΩ f0=22.8 kHz typ
For R23=5.23kΩ f0=28.3 kHz typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com