Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9206 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA9206
Description  I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9206 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA9206 Datasheet HTML 4Page - STMicroelectronics TDA9206 Datasheet HTML 5Page - STMicroelectronics TDA9206 Datasheet HTML 6Page - STMicroelectronics TDA9206 Datasheet HTML 7Page - STMicroelectronics TDA9206 Datasheet HTML 8Page - STMicroelectronics TDA9206 Datasheet HTML 9Page - STMicroelectronics TDA9206 Datasheet HTML 10Page - STMicroelectronics TDA9206 Datasheet HTML 11Page - STMicroelectronics TDA9206 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
11
12
13
14
15
21
22
23
24
IN1
OS D1
AV
DD
IN2
OS D2
AGND
IN3
OS D3
SCL
SDA
LGND
LV
DD
HS YNC
PV
CC1
OUT1
P GND1
PV
CC2
OUT2
P GND2
PV
CC3
P GND3
OUT3
BLK
FBLK
T
D
A
9
2
0
6
+12V
1k
Ω
GND
GND
BLUE OUT
RED OUT
GR EEN OUT
1k
Ω
1k
Ω
1k
Ω
100nF
100nF
100nF
100nF
100nF
47
Ω
47
Ω
47
Ω
75
Ω
75
Ω
75
Ω
B
GND B
R
GND R
G
GND G
100nF
100nF
100nF
1
2
3
4
5
6
7
8
16
13
14
15
12
11
10
9
FBLK
VSYNC
HS YNC
V
DD
P XCK
CKOUT
XTAL OUT
XTAL IN
TEST
B
G
R
RES ET
SDA
SCL
S
T
V
9
4
2
6
GND
+5V
+5V
8MHz
10
µF
16V
100
Ω
22pF
SDA
SCL
I2C BUS
S YNCHR O
EXTRACTO R
APPLICATION DIAGRAM
TDA9206
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com