Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9511 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9511
Description  DC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9511 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9511 Datasheet HTML 1Page - STMicroelectronics TDA9511 Datasheet HTML 2Page - STMicroelectronics TDA9511 Datasheet HTML 3Page - STMicroelectronics TDA9511 Datasheet HTML 4Page - STMicroelectronics TDA9511 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TDA9511
DC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
April 1998
Tab co nnecte d to Pin 4
7
6
5
4
3
2
1
V
DD
OUT
GNDP
GNDA
V
RE F
V
CC
IN-
PIN CONNECTIONS
HEPTAWATT
(Plastic Package)
ORDER CODE : TDA9511
PIN CONFIGURATION
Pin N
Symbol
Function
1
IN-
Input of the amplifier
2VCC
Low Voltage Power Supply (12V Typ.)
3VREF
Internal Voltage Reference (3.3V)
4
GNDA
Analog Ground
5
GNDP
Power Ground
6
OUT
Output driving the cathode
7VDD
High Voltage Power Supply (110V Max.)
.
BANDWIDTH : 40MHz TYPICAL
.
RISE AND FALL TIME : 9ns TYPICAL
.
SUPPLY VOLTAGE : 110V
.
POWER DISSIPATION : 3.0W
.
ESD PROTECTED
DESCRIPTION
The TDA9511 is a video amplifier designed with a
high voltage Bipolar/CMOS/DMOS technolog y
(BCD). It drives in DC coupling mode one cathode
of a monitor and is protected against flashovers.
It is available in Heptawatt package.
1/5


Similar Part No. - TDA9511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA9513 ETC-TDA9513 Datasheet
204Kb / 1P
INTEGRATED CIRCUITS FOR TV AND RADIO RECEVERS
More results

Similar Description - TDA9511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5111 STMICROELECTRONICS-STV5111 Datasheet
95Kb / 7P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
TEA5101A STMICROELECTRONICS-TEA5101A Datasheet
68Kb / 6P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
10-Jul-2013
TEA5101B STMICROELECTRONICS-TEA5101B Datasheet
61Kb / 6P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
10-Jul-2013
logo
Micro Electronics
BF257 MICRO-ELECTRONICS-BF257 Datasheet
115Kb / 2P
NPN HIGH VOLTAGE VIDEO AMPLIFIER
logo
STMicroelectronics
TDA9501 STMICROELECTRONICS-TDA9501 Datasheet
240Kb / 5P
AC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK1902 MSK-MSK1902 Datasheet
257Kb / 6P
HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
logo
Intersil Corporation
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
logo
New Japan Radio
NJU71031 NJRC-NJU71031 Datasheet
242Kb / 8P
OUTPUT COUPLING CAPACITOR-LESS LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
logo
SG Micro Corp
SGM9144 SGMICRO-SGM9144 Datasheet
390Kb / 10P
Capless Output Coupling Low Voltage Video Amplifier
logo
STMicroelectronics
STV5112 STMICROELECTRONICS-STV5112 Datasheet
93Kb / 5P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
April 1998
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com