Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1L30UPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # STPS1L30UPBF
Description  Schottky Rectifier, 1.0 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STPS1L30UPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  STPS1L30UPBF Datasheet HTML 1Page - Vishay Siliconix STPS1L30UPBF Datasheet HTML 2Page - Vishay Siliconix STPS1L30UPBF Datasheet HTML 3Page - Vishay Siliconix STPS1L30UPBF Datasheet HTML 4Page - Vishay Siliconix STPS1L30UPBF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94324
4
Revision: 15-Aug-08
STPS1L30UPbF
Vishay High Power Products Schottky Rectifier, 1.0 A
ORDERING INFORMATION TABLE
1
-
Schottky STPS series
2
-
Current rating (1 = 1 A)
3
-
L = Low forward voltage
4
-
Voltage rating (30 = 30 V)
5
6
-
None = Standard production
PbF = Lead (Pb)-free
-
U = SMB
Tape and reel only (3000 pieces)
Device code
5
13
24
6
STPS
1
L
30
U
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95017
Part marking information
http://www.vishay.com/doc?95029
Packaging information
http://www.vishay.com/doc?95034



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com