Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE0160FP Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDE0160FP
Description  7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE0160FP Datasheet(HTML) 5 Page - STMicroelectronics

  TDE0160FP Datasheet HTML 1Page - STMicroelectronics TDE0160FP Datasheet HTML 2Page - STMicroelectronics TDE0160FP Datasheet HTML 3Page - STMicroelectronics TDE0160FP Datasheet HTML 4Page - STMicroelectronics TDE0160FP Datasheet HTML 5Page - STMicroelectronics TDE0160FP Datasheet HTML 6Page - STMicroelectronics TDE0160FP Datasheet HTML 7Page - STMicroelectronics TDE0160FP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL APPLICATION DIAGRAMS
a)
b)
c)
Ca:
10nF
Cf :1nF
Cd:
10nF
Co:
390pF
Lo:
65
µH to 1MHz
Rd:
10k
Ω
RH:
15k
Ω
Rs:
3k
Ω
RL:
2.5k
Ω
VCC :20V
fo
≈ 1MHz
emean = 2.5mm
Φ coil : 14mm
Core COFELEC 432FP
Turns : 47
Stranded wire : 15 x 5/100
TDE0160
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com