Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1707 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDE1707
Description  INTELLIGENT POWER SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1707 Datasheet(HTML) 3 Page - STMicroelectronics

  TDE1707 Datasheet HTML 1Page - STMicroelectronics TDE1707 Datasheet HTML 2Page - STMicroelectronics TDE1707 Datasheet HTML 3Page - STMicroelectronics TDE1707 Datasheet HTML 4Page - STMicroelectronics TDE1707 Datasheet HTML 5Page - STMicroelectronics TDE1707 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (VS = 24V; Tj = –25 to +85
°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vs 7
Supply Voltage
6
48
V
Isr 7
Supply Reverse Current
VSR = –48V
1.5
mA
Iq 7
Quiescent Current
Ireg =Iled =0; Vi < 2V;
VS = 6 to 48V
1.5
mA
Io 8/2
Output Current
Vs = 6V to 32V
500
mA
Io 8/2
Output Current
Vs = 32V to 48V
300
mA
Vsat 8/2
Output Voltage Drop V8-2
Io = 500mA
1.1
1.6
V
Vsat 8/2
Output Voltage Drop V8-2
Io = 300mA
1.5
V
Isc 8/2
Short Circuit Current
0.5
0.8
2
A
Vcl 8/2
Internal Voltage Clamp
ICL = 10mA
55
65
V
Iolk 8/2
Output Leakage
0
(Pin 2)
Vi < 2V; Vo = 0 to Vs (Pin 8)
100
300
100
µA
µA
Vith 5
Input Voltage Threshold
2
3
V
Vihis 5
Input Threshold Hysteresis
300
mV
Ilk 5
Input Current
Vi =5V
2
5
µA
Vreg 6
Regulated Output Voltage
Ireg < 5mA
4.5
5
5.5
V
Iscr 6
Short Circuit Regulated
6
30
50
mA
Ireg 6
Ouput Regulator Current
Vs = 35V
Vs = 48V
6
4
mA
mA
Iold 1
Current Surce Sink Led Driver
Output ON (
±)2
3
4
mA
Vold 1
Voltage Drop Led Driver
Ios = 2mA (
±)
1.2
1.6
V
Oldlk 1
Lead Driver (off) Leak.
Vi < 2V; RL <1K
Ω
10
µA
Idch 3
Del. Cap. Charge Current
TJ =25
°C2
4
6
µA
Vdth 3
Delay Voltage Trigger
TJ =25
°C4
V
DYNAMIC CHARACTERISTICS (VS = 24V; RL =48
Ω;TJ =25°C)
ton
Propagation Turn on Time
Vi = 0 to 5V
15
µs
toff
Propagation Turn off Time
Vi = 5 to 0V
15
µs
tdon
Delayed Turn on Time / nF
Delay Capacitor
0.65
1
2
ms
td min
Minimum Delayed ton
Delay Capacitor = 0
25
µs
APPLICATION INFORMATION (See Application
Circuit)
The LED driver tells the output status.
It can source or sink current (Iold typ = 3mA), ac-
cording to the output configuration chosen.
The thresholds, represented by the output com-
parator in the Block Diagram, are set at about
1.5V - 2V.
For instance, in the High Side Load case of the
Application Circuit, when the voltage on pin 8 (the
output) differs from VCC less than 1.5V, the output
is sensed in ”OFF” state and the LED driver is
disabled.
If instead pin 8 differs from VCC more than 3V (the
output comparator threshold value plus the drop
voltage on the LED), then the output is sensed
”ON” and the driver will force the current on the
LED.
TDE1707
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com