Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1707FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDE1707FP
Description  INTELLIGENT POWER SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1707FP Datasheet(HTML) 1 Page - STMicroelectronics

  TDE1707FP Datasheet HTML 1Page - STMicroelectronics TDE1707FP Datasheet HTML 2Page - STMicroelectronics TDE1707FP Datasheet HTML 3Page - STMicroelectronics TDE1707FP Datasheet HTML 4Page - STMicroelectronics TDE1707FP Datasheet HTML 5Page - STMicroelectronics TDE1707FP Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TDE1707
INTELLIGENT POWER SWITCH
ADVANCE DATA
0.5A OUTPUT CURRENT
LOW SIDE OR HIGH SIDE SWITCH CON-
FIGURATION
6V TO 48V SUPPLY VOLTAGE RANGE
OVERLOAD AND SHORT CIRCUIT PROTEC-
TIONS
INTERNAL VOLTAGE CLAMPING
SUPPLY AND OUTPUT REVERSAL PRO-
TECTION
THERMAL SHUTDOWN
GND AND VS OPEN WIRE PROTECTION
ADJUSTABLE DELAY AT SWITCH ON
INDICATOR STATUS LED DRIVER
+5V REGULATED AUX. VOLTAGE
DESCRIPTION
The TDE1707 is a 0.5A Integrated Power Switch
with up to 48V Power supply capability.
Two output configurations are possible:
- Load to Gnd. (High Side Mode)
- Load to VS (Low side Mode)
Especially dedicated to proximity detectors, its in-
ternal +5V supply can be used to supply external
circuits (See also AN495/0692). A signal is inter-
nally generated to block the In signal, and prevent
activation of the output switch, as long as an ab-
normal condition is detected. The power-on tran-
sition, as well as the chip overtemperature and
the output overcurrent, concurr to the generation
of such signal. A minimum delay of 25
µs (Typ.
value) is added to the trailing edge of such signal
to ensure that a stable normal situation is present
when the signal disappears. The delay (of the dis-
apperance of the block signal; no delay at its on
set) can be further increased connecting a ca-
pacitor between pin3 and ground. It can drive re-
sistive or inductive loads.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
July 1992
SO8
ORDERING NUMBER: TDE1707FP
BLOCK DIAGRAM
1/6


Similar Part No. - TDE1707FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
50Kb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1707DFT STMICROELECTRONICS-TDE1707DFT Datasheet
218Kb / 15P
Low side or high side switch configuration
03-Oct-2006
More results

Similar Description - TDE1707FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
50Kb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1798 STMICROELECTRONICS-TDE1798 Datasheet
174Kb / 14P
0.5A INTELLIGENT POWER SWITCH
Nov-1991
TDE3237 STMICROELECTRONICS-TDE3237 Datasheet
153Kb / 7P
INTELLIGENT POWER SWITCH
Nov-1991
TDE1708DFT STMICROELECTRONICS-TDE1708DFT Datasheet
162Kb / 14P
Intelligent power switch
Jan-2007
logo
International Rectifier
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
INTELLIGENT POWER HIGH SIDE SWITCH
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1798 STMICROELECTRONICS-TDE1798_03 Datasheet
1Mb / 14P
0.5A INTELLIGENT POWER SWITCH
Sep-2003
logo
International Rectifier
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com