Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1767 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDE1767
Description  INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1767 Datasheet(HTML) 3 Page - STMicroelectronics

  TDE1767 Datasheet HTML 1Page - STMicroelectronics TDE1767 Datasheet HTML 2Page - STMicroelectronics TDE1767 Datasheet HTML 3Page - STMicroelectronics TDE1767 Datasheet HTML 4Page - STMicroelectronics TDE1767 Datasheet HTML 5Page - STMicroelectronics TDE1767 Datasheet HTML 6Page - STMicroelectronics TDE1767 Datasheet HTML 7Page - STMicroelectronics TDE1767 Datasheet HTML 8Page - STMicroelectronics TDE1767 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (Unless otherwise specified)
TDE1767A:- 25
°C ≤ Tamb ≤ +85°C, + 6 V ≤ VCC ≤ +55 V, Io ≤ 500 mA, Tj ≤ + 150°C
TDE1767:- 25
°C ≤ Tamb ≤ +85°C, + 6 V ≤ VCC ≤ +45 V, Io ≤ 500 mA, Tj ≤ + 150°C
TDE1787A:- 25
°C ≤ Tamb ≤ +85°C, + 6 V ≤ VCC ≤ +55 V, Io ≤ 300 mA, Tj ≤ + 150°C
TDE1767A:- 25
°C ≤ Tamb ≤ +85°C, + 6 V ≤ VCC ≤ +45 V, Io ≤ 300 mA, Tj ≤ + 150°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIO
Input Offset Voltage - (note 1)
2
50
mV
ICC
Power Supply Current (measured on pin 4)
mA
Output High (Tamb =+ 25
°C)
-
5.8
8
Output High (VCC =VCC(max),Tj = + 150
°C)
-5
7
Output Low (VCC =VCC(max),Tamb =+ 25
°C)
-
1.5
4
IIB
Input Bias Current
-
15
100
µA
VCM
Common-mode Input Voltage Range
TDE1787A, TDE1767A
TDE1787, TDE1767
1
1
-
-
60
45
V
Vl
Input Voltage Range (Vref
≥ +1 V)
(figure 1, note 2)
TDE1787A, TDE1767A
TDE1787, TDE1767
0
0
-
-
60
45
V
ISC
Short-circuit Output Current
(VCC = + 35 V, t = 10 ms)
mA
RSC = 0.22
Ω
RSC = 0.33
Ω
TDE1767A
TDE1787A
-
-
700
380
-
-
Vsense
Output Limit Sense Voltage : VO =VCC - 2 V, t = 10ms
(VO =VCC -2 V)
: VO = 0 V, t = 10 ms
130
120
150
140
170
165
mV
VO(sat)
Output Saturation Voltage (output high Vl
+ -Vl-
≥ 50 mV,
RSC =0, VCC =+30 V)
V
Tj=+ 25
°C
Tj = + 150
°C
TDE1787A, TDE1767A
TDE1787, TDE1767
TDE1787A, TDE1767A
TDE1787, TDE1767
-
-
-
-
1
1
1.1
1.1
1.1
1.2
1.2
1.3
IOL
Output Leakage Current (output low)
-
-
100
µA
IA
Available Alarm Output Current
Output Source Current (VAH = VCC - 2.5 V)
Output Slnk Current (in thermal shut-down) VA = 1.4 V
-4
5
-5
10
-
-
mA
Ireset
Reset Input Current
-
2
40
µA
Vth (reset)
Reset Threshold
-
1.4
-
V
-
Output Leakage Current (open ground)
-
10
-
µA
Figure 1.
Notes: 1. The offset voltage given is the maximum value of different input voltage reguired to drive the output voltage whitin 2 V of the
ground or the supply voltage.
2. Input voltage range is indipendent of the supply voltage.
3/10
TDE1767,A-TDE1787,A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com