Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1798 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDE1798
Description  0.5A INTELLIGENT POWER SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1798 Datasheet(HTML) 3 Page - STMicroelectronics

  TDE1798 Datasheet HTML 1Page - STMicroelectronics TDE1798 Datasheet HTML 2Page - STMicroelectronics TDE1798 Datasheet HTML 3Page - STMicroelectronics TDE1798 Datasheet HTML 4Page - STMicroelectronics TDE1798 Datasheet HTML 5Page - STMicroelectronics TDE1798 Datasheet HTML 6Page - STMicroelectronics TDE1798 Datasheet HTML 7Page - STMicroelectronics TDE1798 Datasheet HTML 8Page - STMicroelectronics TDE1798 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Rth j-ambient
Thermal Resistance Junction-case (1)
Thermal Resistance Junction-ambient (1)
max.
max.
30
90
°C/W
°C/W
1) Devices bounded on a 40cm
2 glass-epoxy printed circuit 0.15cm thick with 4cm2 of copper
ELECTRICAL CHARACTERISTICS (note 2)
TDE -25
°C ≤ Tj ≤ +85°C, 6V ≤ VCC ≤ +35V, Io ≤ 500mA (unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIO
Input Offset Voltage
(note 3)
–
2
50
mV
ICC
Power Supply Current
Output High (Tamb = +25
°C,
Io = 500mA)
Output Low
–
–
6.5
2
8
4
mA
mA
IIB
Input Bias Current
–
15
40
µA
VICR
Common-mode Input Voltage
Range
(note 4)
1
–
45
V
VI
Input Voltage Range
Vref > +1V, (note 4 and 5)
-25
–
45
V
ISC
Short-circuit Output Current
VCC = 30V, t = 10ms
0.7
0.9
1.3
A
VCC -VO
Output Saturation Voltage
IO = 500mA (|V
+ I- V- I|> 50mV)
–
1
1.25
V
IOL
Output Low Leakage Current
Tj = +85
°C(VCC = 30V, VO = 0V)
–
10
100
µA
I(pin 1) source
I(pin 6) sink
Available Alarm Output Current
Source (V(pin 1) =VCC - 2.5V)
Sink (in thermal shut-down)
V(pin 6) =2V
4
6
8
15
–
–
mA
mA
IRH
IRL
Reset Input Current
–
-1
15
0
40
+1
µA
µA
Vth
Reset Threshold
0.8
1.4
2
V
Ireset
Reset Output Sink Current
(in thermal shut-down) for
Vreset
≤ +0.8V
2––
mA
IOL(open GND) Output Leakage Current
(open ground)
–
10
100
µA
VBRVEO
Output Transistor Avalanche Volt. VCC -VO
65
–
110
V
Notes:
2) For operating at high temperature, the TDE1798 must be derated based on a 150
°C maximum junction temperature and the junction-ambient
thermal resistance.
3) The offset voltage given is the maximum value of input differential voltage required to drive the output voltage within 2V of the ground or the
supply voltage;
4) Input voltage range is independent of the supply voltage;
5) The reference input can be the inverting or the non-inverting one.
TDE1798
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com