Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1897CDP Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDE1897CDP
Description  0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1897CDP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDE1897CDP Datasheet HTML 4Page - STMicroelectronics TDE1897CDP Datasheet HTML 5Page - STMicroelectronics TDE1897CDP Datasheet HTML 6Page - STMicroelectronics TDE1897CDP Datasheet HTML 7Page - STMicroelectronics TDE1897CDP Datasheet HTML 8Page - STMicroelectronics TDE1897CDP Datasheet HTML 9Page - STMicroelectronics TDE1897CDP Datasheet HTML 10Page - STMicroelectronics TDE1897CDP Datasheet HTML 11Page - STMicroelectronics TDE1897CDP Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
D
N
M
19
e3
b3
b1
B
ec1
c2
C
P
SIP9
B3
SIP9 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
7.1
0.280
a1
2.7
3
0.106
0.118
B
23
0.90
B3
24.8
0.976
b1
0.5
0.020
b3
0.85
1.6
0.033
0.063
C
3.3
0.130
c1
0.43
0.017
c2
1.32
0.052
D
21.2
0.835
d1
14.5
0.571
e
2.54
0.100
e3
20.32
0.800
L
3.1
0.122
L1
3
0.118
L2
17.6
0.693
L3
0.25
0.010
L4
17.4
17.85
0.685
0,702
M
3.2
0.126
N
1
0.039
P
0.15
0.006
TDE1897C - TDE1898C
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com