Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS4148-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LS4148-GS18
Description  Small Signal Fast Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS4148-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  LS4148-GS18 Datasheet HTML 1Page - Vishay Siliconix LS4148-GS18 Datasheet HTML 2Page - Vishay Siliconix LS4148-GS18 Datasheet HTML 3Page - Vishay Siliconix LS4148-GS18 Datasheet HTML 4Page - Vishay Siliconix LS4148-GS18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85561
Rev. 1.8, 04-May-07
LS4148/LS4448
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 5 mA
LS4448
VF
620
720
mV
IF = 50 mA
LS4148
VF
860
1000
mV
IF = 100 mA
LS4448
VF
930
1000
mV
Reverse current
VR = 20 V
IR
25
nA
VR = 20 V, Tj = 150 °C
IR
50
µA
VR = 75 V
IR
5µA
Breakdown voltage
IR = 100 µA, tp/T = 0.01,
tp = 0.3 ms
V(BR)
100
V
Diode capacitance
VR = 0, f = 1 MHz, VHF = 50 mV
CD
4pF
Rectification efficiency
VHF = 2 V, f = 100 MHz
η
r
45
%
Reverse recovery time
IF = IR = 10 mA, iR = 1 mA
trr
8ns
IF = 10 mA, VR = 6 V,
iR = 0.1 x IR, RL = 100 Ω
trr
4ns
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
V
F - Forward Voltage (V)
2.0
16640
LS4148
T
j = 25 °C
Scattering Limit
LS4448
T
j = 25 °C
Scattering Limit
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
V
F - Forward Voltage (V)
2.0
16642
Figure 3. Reverse Current vs. Reverse Voltage
Figure 4. Diode Capacitance vs. Reverse Voltage
1
10
100
1000
V
R- Reverse Voltage (V)
10
1
100
94 9098
T
j = 25 °C
Scattering Limit
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
100
94 9099
2.5
V
R - Reverse Voltage (V)
f = 1 MHz
T
j = 25 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com