Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26MB20A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 26MB20A
Description  Single Phase Bridge (Power Modules), 25/35 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

26MB20A Datasheet(HTML) 2 Page - Vishay Siliconix

  26MB20A Datasheet HTML 1Page - Vishay Siliconix 26MB20A Datasheet HTML 2Page - Vishay Siliconix 26MB20A Datasheet HTML 3Page - Vishay Siliconix 26MB20A Datasheet HTML 4Page - Vishay Siliconix 26MB20A Datasheet HTML 5Page - Vishay Siliconix 26MB20A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93563
2
Revision: 27-Jun-08
MB Series
Vishay High Power Products
Single Phase Bridge
(Power Modules), 25/35 A
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
26MB-A
36MB-A
UNITS
Maximum DC output current
at case temperature
IO
Resistive or inductive load
25
35
A
Capacitive load
20
28
65
60
°C
Maximum peak, one-cycle
non-repetitive forward current
IFSM
t = 10 ms
No voltage
reapplied
Initial TJ =
TJ maximum
400
475
A
t = 8.3 ms
420
500
t = 10 ms
100 % VRRM
reapplied
335
400
t = 8.3 ms
350
420
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
790
1130
A2s
t = 8.3 ms
725
1030
t = 10 ms
100 % VRRM
reapplied
560
800
t = 8.3 ms
512
730
Maximum I2
√t for fusing
I2
√tI2t for time t
x = I2√t × √tx; 0.1 ≤ tx ≤ 10 ms, VRRM = 0 V
5.6
11.3
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ maximum
0.76
0.79
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ maximum
0.92
0.96
Low level forward slope resistance
rt1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ maximum
6.8
5.8
m
Ω
High level forward slope resistance
rt2
(I >
π x I
F(AV)), TJ maximum
5.0
4.5
Maximum forward voltage drop
VFM
TJ = 25 °C, IFM = 40 Apk (26MB)
tp = 400 µs
1.11
1.14
V
TJ = 25 °C, IFM = 55 Apk (36MB)
Maximum DC reverse current
IRRM
TJ = 25 °C, per diode at VRRM
10
µA
RMS isolation voltage base plate
VINS
f = 50 Hz, t = 1 s
2700
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
26MB-A
36MB-A
UNITS
Junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance
junction to case per bridge
RthJC
1.7
1.2
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.2
Approximate weight
20
g
Mounting torque ± 10 %
Bridge to heatsink
2.0
Nm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com