Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MODEL802 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MODEL802
Description  1 13/16inch (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL802 Datasheet(HTML) 3 Page - Vishay Siliconix

  MODEL802 Datasheet HTML 1Page - Vishay Siliconix MODEL802 Datasheet HTML 2Page - Vishay Siliconix MODEL802 Datasheet HTML 3Page - Vishay Siliconix MODEL802 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 802
Vishay Spectrol
1 13/16" (46 mm) Ten Turn Wirewound
Upper Grade Precision Potentiometer
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57072
134
Revision: 23-Mar-07
MATERIAL SPECIFICATIONS
Housing
Glass filled thermoset plastic
Lids
Aluminum, anodized
Shaft
Stainless steel, non-magnetic,
non-passivated
Terminals
Brass, plated for solderability
Clamp Ring
Stainless steel
Bushing Mount Hardware
Lockwasher:
Panel Nut:
Internal tooth steel, nickel plated
Brass, nickel plated
MARKING
Unit
Identification
Units shall be marked with Spectrol name and
Model No, resistance and resistance tolerance,
linearity, terminal identification, and date code
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 CPS
Shock
50 g
Salt Spray
96 h
Rotational Life
2 million shaft revolutions
Load Life
900 h
Operating Temperature Range
- 55 °C to + 125 °C
POWER RATING CHART
(Ratings for cup NO 1.
Additional cups 75 % of values shown)
20
40
60
80
100
120
140
160
0
2
4
6
8
10
12
AMBIENT TEMPERATURE IN °C
SPECIAL 150 °C
STANDARD 125 °C
RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
(
Ω)
RESO-
LUTION
(%)
OHMS
PER
TURN
MAXIMUM
CURRENT
AT 70 °C
AMBIENT
(mA)
MAXIMUM
VOLTAGE
ACROSS
COIL
(V)
WIRE
TEMP.
COEF.
(ppm/°C)
20
0.044
0.009
500
10.0
800
50
0.027
0.014
316
15.8
800
100
0.024
0.024
224
22.4
800
200
0.028
0.056
158
31.6
180
500
0.023
0.115
100
50.0
20
1K
0.018
0.182
70.7
70.7
20
2K
0.020
0.402
50.0
100
20
5K
0.015
0.754
31.6
158
20
10K
0.013
1.229
22.4
224
20
20K
0.010
1.970
15.8
316
20
50K
0.007
3.686
10.0
500
20
100K
0.007
6.507
7.07
707
20
200K
0.005
6.929
5.00
1000
20
500K
0.004
19.987
2.00
1000
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com