Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2019 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA2019
Description  CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2019 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA2019 Datasheet HTML 1Page - STMicroelectronics TEA2019 Datasheet HTML 2Page - STMicroelectronics TEA2019 Datasheet HTML 3Page - STMicroelectronics TEA2019 Datasheet HTML 4Page - STMicroelectronics TEA2019 Datasheet HTML 5Page - STMicroelectronics TEA2019 Datasheet HTML 6Page - STMicroelectronics TEA2019 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RAMP
GENERATOR
IC
22nF
22nF
10
Ω
470
Ω
V6
6
V5
5
V3
31
42
7
8
9
10
11
12
13
14
TEA2019
0V
-1V
AS1
10nF
10nF
10k
Ω
8.2k
Ω
4.7
µF
4.7
µF
V12
V14
47nF
1.5nF
3.3nF
22nF
3.9k
Ω
56k
Ω
1%
59k
Ω
V10
100
Ω
TYPICAL CIRCUIT
GENERAL DESCRIPTION
(see application note AN406/0591)
Operating Principles (Figure 1)
On every period, the beginning of the conduction
time of the transistor is triggered by the fall of the
oscillator saw-tooth which acts as clock signal. The
period Tosc is given by :
Tosc
≈ 0.69 Ct (Rt + 2000)
(Tosc in seconds, Ct in Farad, Rt in
Ω)
The end of the conduction time is determined by a
signal issued from comparing the following signals.
a) the sawtooth waveform representing the
collector current of the switching transistor,
sampled across the emitter shunt resistor.
b) the output of the error amplifier.
Base Drive
• Fast turn-on
On each period, a current pulse ensures fast
transistor switch-on.
This pulse performs also the ton(min) function at
the beginning of the conduction.
• Proportional base drive
In order to save power, the positive base current
after the starting pulse becomes an image of the
collector current.
The ratio
IC
IB
is programmed as follows (Figure 2).
IC
IB
=
RB
RE
Figure 1 : Current Mode Control
C
I
SENSE
OSCILLATOR
ERROR
SIGNAL
ERROR
AMPLIFIER
COMPARATOR
S
R
Q
FLIP-FLOP
V
REF
I
C
V
i
OUTPUT
FILTER
Re
t
t
t
Error
Signal
OSCILLATOR
SAWTOOTH
I
(sample)
FLIP-FLOP
OUTPUT
C
TEA2019
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com