Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS63 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TS63
Description  Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS63 Datasheet(HTML) 4 Page - Vishay Siliconix

  TS63 Datasheet HTML 1Page - Vishay Siliconix TS63 Datasheet HTML 2Page - Vishay Siliconix TS63 Datasheet HTML 3Page - Vishay Siliconix TS63 Datasheet HTML 4Page - Vishay Siliconix TS63 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 51011
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 24-Jul-07
33
TS63
Multi-Turn Surface Mount
Miniature 1/4" Square Cermet Trimmers, Fully Sealed
Vishay Sfernice
ORDERING INFORMATION
TS63
MODEL
Y
STYLE
500 k
Ω
OHMIC VALUE
± 10 %
TOLERANCE
TR500
PACKAGING
e3
LEAD FINISH
TR500: Tape and reel
On request: TU50: Tube
e3: pure Sn
SAP PART NUMBERING GUIDELINES
TS
6
3
Y
504
K
R
10
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com