Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2025B Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA2025B
Description  STEREO AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2025B Datasheet(HTML) 3 Page - STMicroelectronics

  TEA2025B Datasheet HTML 1Page - STMicroelectronics TEA2025B Datasheet HTML 2Page - STMicroelectronics TEA2025B Datasheet HTML 3Page - STMicroelectronics TEA2025B Datasheet HTML 4Page - STMicroelectronics TEA2025B Datasheet HTML 5Page - STMicroelectronics TEA2025B Datasheet HTML 6Page - STMicroelectronics TEA2025B Datasheet HTML 7Page - STMicroelectronics TEA2025B Datasheet HTML 8Page - STMicroelectronics TEA2025B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C, VCC = 9V, Stereo unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Supply Voltage
3
12
V
IQ
Quiescent Current
35
50
mA
VO
Quiescent Output Voltage
4.5
V
AV
Voltage Gain
Stereo
Bridge
43
49
45
51
47
53
dB
∆AV
Voltage Gain Difference
±1dB
Rj
Input Impedance
30
K
Ω
PO
Output Power (d = 10%)
Stereo 8 (per channel)
9V
9V
6V
6V
6V
6V
3V
3V
12V
4
Ω
8
Ω
4
Ω
8
Ω
16
Ω
32
Ω
4
Ω
32
Ω
8
Ω
1.7
0.7
2.3
1.3
1
0.6
0.25
0.13
0.1
0.02
2.4
W
Bridge
9V
6V
6V
3V
3V
8
Ω
4
Ω
8
Ω
16
Ω
32
Ω
4.7
2.8
1.5
0.18
0.06
W
d
Distortion
Vs = 9V; RL =4
Ω
Stereo
Bridge
0.3
0.5
1.5
%
SVR
Supply Voltage Rejection
f = 100Hz, VR = 0.5V, Rg =0
40
46
dB
EN(IN)
Input Noise Voltage
RG =0
RG =10 4
Ω
1.5
3
3
6
mV
CT
Cross-Talk
f = 1KHz, Rg = 10K
Ω
40
52
dB
Term. N
° (PDIP)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DC VOLT (V)
0.04
4.5
8.9
0
0
0.6
0.04
8.5
0
0.04
0.6
0
0
8.9
4.5
9
Figure 1: Bridge Application (Powerdip)
Figure 2: Stereo Application (Powerdip)
C6
C4
C8
C5
C7
C9
C2
C11
C3
C1
C10
TEA2025B - TEA2025D
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com