Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2025 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA2025
Description  STEREO AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2025 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA2025 Datasheet HTML 1Page - STMicroelectronics TEA2025 Datasheet HTML 2Page - STMicroelectronics TEA2025 Datasheet HTML 3Page - STMicroelectronics TEA2025 Datasheet HTML 4Page - STMicroelectronics TEA2025 Datasheet HTML 5Page - STMicroelectronics TEA2025 Datasheet HTML 6Page - STMicroelectronics TEA2025 Datasheet HTML 7Page - STMicroelectronics TEA2025 Datasheet HTML 8Page - STMicroelectronics TEA2025 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
10
20
30
40
50
3
6
9
12
15
I(mA)
Vs(V)
STEREO
Figure 3: Supply Current vs. Supply Voltage
(RL =4
Ω)
0
0.5
1
1.5
2
2.5
3
3.5
36
9
12
15
Po(W)
Vs(V)
STEREO
Rl=4ohm
Rl=8ohm
Rl=16ohm
Figure 5: Output Power vs. Supply Voltage
(THD = 10%, f = 1KHz)
0.1
1
10
0
0.2
0.4
0.6
0.8
1
THD(%)
Po(W)
STEREO
Rl=4 OHM
Rl=16ohm
Rl=8ohm
Figure 6: THD versus Output Power
(f = 1KHz, VS = 6V)
0
1
2
3
4
5
6
7
8
36
9
12
15
Vo(V)
Vs(V)
Vs(V)
STEREO
Figure 4: Output Voltage vs. Supply Voltage
TEA2025B - TEA2025D
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com