Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2037A Datasheet(PDF) 8 Page - STMicroelectronics

Part # TEA2037A
Description  HORIZONTAL AND VERTICAL DEFLECTION MONITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2037A Datasheet(HTML) 8 Page - STMicroelectronics

  TEA2037A Datasheet HTML 1Page - STMicroelectronics TEA2037A Datasheet HTML 2Page - STMicroelectronics TEA2037A Datasheet HTML 3Page - STMicroelectronics TEA2037A Datasheet HTML 4Page - STMicroelectronics TEA2037A Datasheet HTML 5Page - STMicroelectronics TEA2037A Datasheet HTML 6Page - STMicroelectronics TEA2037A Datasheet HTML 7Page - STMicroelectronics TEA2037A Datasheet HTML 8Page - STMicroelectronics TEA2037A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TYPICAL APPLICATION FOR HIGH FREQUENCY MONITOR
CHARACTERISTICS
• Screen : 14’’ Colour
• Frame deflection yoke : 11mH, 7Ω,
750mA peak–to–peak
• VCC = + 14V with flyback generator
• Frame flyback time : 0.6ms
• Vertical frequency : 72Hz
• Vertical free–running period : 16ms
(adjustable)
• Horizontal frequency : 35kHz
(adjustable)
• Line flyback time : 5.5µs
• Capture range : ± 5µs
(@ sync pulse = 4.7
µs)
• Input signal : negative TTL sync (line + frame)
• Dissipated power : 1.4W
(heatsink required)
• Adjustments :
• Vertical amplitude
• Vertical Linearity
• Vertical frequency
• Horizontal frequency
TEA2037A
15
10k
Ω
Sync
11
47nF
22nF
15k
Ω
Line
Flyback
1
µF
47k
Ω
6.8nF
1nF
V
CC1
10
9
P4
14
V
CC
220
Ω
1/2W
2.2
µF
1N4148
47
Ω
Line
Darlington
3
7
2
13
12
5
4
16
1
150nF
100
µF
270k
Ω
V
CC1
V
CC
14V
47
µF
1N4002
2.2k
Ω
1000
µF
P3
330nF
18k
Ω
68k
Ω
2200
µF
47k
Ω
6
8
1N4148
680pF
Frame Yoke
11mH/7
Ω
100nF
P1
39k
Ω
TEA2037A
8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com