Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMS-2SWWD-30 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IMS-2SWWD-30
Description  Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMS-2SWWD-30 Datasheet(HTML) 3 Page - Vishay Siliconix

  IMS-2SWWD-30 Datasheet HTML 1Page - Vishay Siliconix IMS-2SWWD-30 Datasheet HTML 2Page - Vishay Siliconix IMS-2SWWD-30 Datasheet HTML 3Page - Vishay Siliconix IMS-2SWWD-30 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IMS-2SWWD-30
Inductors, Commercial, Subminiature,
Molded, Shielded
Vishay Dale
Document Number: 34046
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 10-Aug-06
21
ORDERING INFORMATION
IMS-2SWWD-30
1.0 µH
10 %
ER
e2
MODEL
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
PACKAGE
CODE
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
MODEL
SERIES
INDUCTANCE
VALUE
PACKAGE
CODE
IMS2
S
W
W
D
30
ER
1R0
K
INDUCTANCE
TOLERANCE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com