Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKC1860-404-R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKC1860-404-R
Description  Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKC1860-404-R Datasheet(HTML) 1 Page - Vishay Siliconix

  MKC1860-404-R Datasheet HTML 1Page - Vishay Siliconix MKC1860-404-R Datasheet HTML 2Page - Vishay Siliconix MKC1860-404-R Datasheet HTML 3Page - Vishay Siliconix MKC1860-404-R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 26028
For technical questions contact; dc-film@vishay.com
www.vishay.com
Revision: 05-Jul-05
1
MKC 1860
Not for new designs
Vishay Roederstein
Metallized Polycarbonate Film Capacitor
Related Document: IEC 60384-6
Dimensions in millimeters
MAIN APPLICATIONS
Storage, filter, timing and integrating circuits.
MARKING
Manufacturer's logo/type/C-value/rated voltage/tolerance/
date of manufacture
DIELECTRIC
Polycarbonate film
ELECTRODES
Vacuum deposited aluminum
COATING
Plastic-wrapping, epoxy resin sealed
CONSTRUCTION
Extended metallized film (refer to general information)
LEADS
Tinned wire
IEC TEST CLASSIFICATION
55/100/21, according to IEC 60068
OPERATING TEMPERATURE RANGE
- 55°C to + 100°C
CAPACITANCE RANGE
0.01µF to 10µF
CAPACITANCE TOLERANCES
± 10% (K), ± 5% (J)
FEATURES
Product is completely lead (Pb)-free.
Product is RoHS compliant.
RATED VOLTAGES (UR)
63 VDC, 100 VDC, 250 VDC, 400 VDC
PERMISSIBLE AC VOLTAGES (RMS)
UP TO 60HZ
40 VAC, 63 VAC, 160 VAC, 200 VAC
TEST VOLTAGE (ELECTRODE/ELECTRODE)
1.6 x UR for 2 s
INSULATION RESISTANCE
Measured at 100 VDC (63 VDC series measured at
50 VDC) after one minute
For C
≤ 0.33µF and U
R > 100 VDC:
30,000 M
Ω minimum value (100,000 MΩ typical value)
For C
≤ 0.33µF and U
R ≤ 100 VDC:
15,000 M
Ω minimum value (50,000 MΩ typical value)
TIME CONSTANT
Measured at 100 VDC (63 VDC series measured at
50 VDC) after one minute
For C > 0.33µF and UR > 100 VDC:
10,000 s minimum value (40,000 s typical value)
For C > 0.33µF and UR ≤ 100 VDC:
5,000 s minimum value (15,000 s typical value)
CAPACITANCE DRIFT
Up to + 40°C, ± 2% for a period of two years
DERATING FOR DC AND AC. CATEGORY VOLTAGE UC
At + 85°C: UC = 1.0 UR
At + 100°C: UC = 0.8 UR
SELF INDUCTANCE
~ 12 nH measured with 6mm long leads
PULL TEST ON LEADS
≥ 20 N in direction of leads according to IEC 60068-2-21
BEND TEST ON LEADS
2 bends through 90° with half of the force used in pull test
RELIABILITY
Operational life > 300,000 h
Failure rate < 1 FIT (40°C and 0.5 x UR)
For further details, please refer to the general information
available at www.vishay.com/doc?26033.
DØ D
≤ 7.0
0.7
< 16.0
0.8
≥ 16.5
1.0
40.0
± 5.0
L
Max.
40.0
± 5.0
Ø d
D
Max.
MAXIMUM PULSE RISE TIME
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted.
CAPACITOR
LENGTH (mm)
Maximum Pulse Rise Time dv/dt [V/µs]
63 VDC
100 VDC
250 VDC
400 VDC
14
17
23
38
61
19
9
13
21
33
26.5
6
8
13
20
31.5
5
6
10
16
e3
RoHS
COMPLIANT


Similar Part No. - MKC1860-404-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKC1860-404-R VISHAY-MKC1860-404-R Datasheet
45Kb / 3P
Metallized Polycarbonate Film Capacitor Related Document: IEC 60 384-6
01-Dec-03
More results

Similar Description - MKC1860-404-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1822 VISHAY-MKT1822 Datasheet
54Kb / 4P
Metallized Polyester Film Capacitor Related Document: IEC 60384-2
02-Dec-03
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
01-Dec-03
MKP1841 VISHAY-MKP1841 Datasheet
60Kb / 4P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
01-Dec-03
MKC1862 VISHAY-MKC1862 Datasheet
48Kb / 3P
Metallized Polycarbonate Film Capacitor Related Document: IEC 60 384-6
01-Dec-03
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
01-Dec-03
MKC1860 VISHAY-MKC1860 Datasheet
45Kb / 3P
Metallized Polycarbonate Film Capacitor Related Document: IEC 60 384-6
01-Dec-03
MKP1845 VISHAY-MKP1845_06 Datasheet
478Kb / 6P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
07-Feb-06
MKP1846 VISHAY-MKP1846_05 Datasheet
168Kb / 4P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
23-Jun-05
MKP1841 VISHAY-MKP1841_05 Datasheet
196Kb / 5P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
23-Jun-05
MKP1837310161G VISHAY-MKP1837310161G Datasheet
150Kb / 3P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
23-Jun-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com