Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30H35PT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR30H35PT
Description  Dual Common-Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR30H35PT Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR30H35PT Datasheet HTML 1Page - Vishay Siliconix MBR30H35PT Datasheet HTML 2Page - Vishay Siliconix MBR30H35PT Datasheet HTML 3Page - Vishay Siliconix MBR30H35PT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBR30H35PT thru MBR30H60PT
Vishay General Semiconductor
Document Number: 88792
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Dual Common-Cathode Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance
FEATURES
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage, high frequency rectifier of
switching mode power supplies, freewheeling diodes,
dc-to-dc converters or polarity protection application.
MECHANICAL DATA
Case: TO-247AD (TO-3P)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
30 A
VRRM
35 V to 60 V
IFSM
200 A
VF
0.58 V, 0.63 V
IR
150 µA
TJ max.
175 °C
PIN 1
PIN 3
CASE
PIN 2
TO-247AD (TO-3P)
1
2
3
Note:
(1) 2.0 µs pulse width, f = 1.0 kHz
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL MBR30H35PT MBR30H45PT MBR30H50PT MBR30H60PT UNIT
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Maximum working peak reverse voltage
VRWM
35
45
50
60
V
Maximum DC blocking voltage
VDC
35
45
50
60
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
30
A
Non-repetitive avalanche energy per diode
at 25 °C, IAS = 4 A, L = 10 mH
EAS
80
mJ
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
200
A
Peak repetitive reverse surge current per diode (1)
IRRM
2.0
1.0
A
Peak non-repetitive reverse energy (8/20 µs waveform)
ERSM
30
20
mJ
Electrostatic discharge capacitor voltage human body
model: C = 100 pF, R = 1.5 k
Ω
VC
25
kV
Voltage rate of change at rated VR
dV/dt
10 000
V/µs
Operating junction temperature range
TJ
- 65 to + 175
°C
Storage temperature range
TSTG
- 65 to + 175
°C


Similar Part No. - MBR30H35PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR30H35PT VISHAY-MBR30H35PT Datasheet
512Kb / 5P
Dual Common Cathode Schottky Rectifier
13-Aug-13
MBR30H35PT VISHAY-MBR30H35PT_15 Datasheet
512Kb / 5P
Dual Common Cathode Schottky Rectifier
13-Aug-13
More results

Similar Description - MBR30H35PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com