Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB25H35CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBRB25H35CT
Description  Dual Common-Cathode Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB25H35CT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRB25H35CT Datasheet HTML 1Page - Vishay Siliconix MBRB25H35CT Datasheet HTML 2Page - Vishay Siliconix MBRB25H35CT Datasheet HTML 3Page - Vishay Siliconix MBRB25H35CT Datasheet HTML 4Page - Vishay Siliconix MBRB25H35CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
MBR(F,B)25H35CT thru MBR(F,B)25H60CT
Vishay General Semiconductor
Document Number: 88789
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Forward Derating Curve (Total)
Figure 2. Maximum Non-Repetitive Peak Forward
Surge Current Per Diode
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
0
10
20
30
40
25
0
50
75
100
125
150
175
MBRF
MBR, MBRB
Case Temperature (°C)
1
100
0
25
50
75
100
125
150
10
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
0.01
0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
10
100
MBR25H35CT - MBR25H45CT
MBR25H50CT - MBR25H60CT
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
Figure 4. Typical Reverse Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
60
040
20
100
80
0.0001
0.001
0.1
0.01
1
10
100
MBR25H35CT - MBR25H45CT
MBR25H50CT - MBR25H60CT
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
0.1
1
100
10
1000
100
10 000
MBR25H35CT - MBR25H45CT
MBR25H50CT - MBR25H60CT
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)
0.01
0.1
0.1
1
1
10
10
t - Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com