Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF16H45 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRF16H45
Description  Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF16H45 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRF16H45 Datasheet HTML 1Page - Vishay Siliconix MBRF16H45 Datasheet HTML 2Page - Vishay Siliconix MBRF16H45 Datasheet HTML 3Page - Vishay Siliconix MBRF16H45 Datasheet HTML 4Page - Vishay Siliconix MBRF16H45 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR(F,B)16H35 thru MBR(F,B)16H60
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88784
Revision: 19-May-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note:
(1) Automotive grade AEC Q101 qualified
Operating junction temperature range
TJ
- 65 to + 175
°C
Storage temperature range
TSTG
- 65 to + 175
°C
Isolation voltage (ITO-220AC only)
from terminal to heatsink t = 1 min
VAC
1500
V
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR16H35
MBR16H45
MBR16H50
MBR16H60
UNIT
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
MBR16H35
MBR16H45
MBR16H50
MBR16H60
UNIT
TYP.
MAX.
TYP.
MAX.
Maximum instantaneous forward voltage (1)
IF = 16 A
IF = 16 A
TJ = 25 °C
TJ = 125 °C
VF
-
0.52
0.66
0.56
-
0.58
0.73
0.62
V
Maximum reverse current at rated VR
(2)
TJ = 25 °C
TJ = 125 °C
IR
-
6.0
100
20
-
4.0
100
20
µA
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Thermal resistance, junction to case
RθJC
1.5
3.0
1.5
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
MBR16H45-E3/45
1.80
45
50/tube
Tube
ITO-220AC
MBRF16H45-E3/45
1.94
45
50/tube
Tube
TO-263AB
MBRB16H45-E3/45
1.33
45
50/tube
Tube
TO-263AB
MBRB16H45-E3/81
1.33
81
800/reel
Tape and reel
TO-220AC
MBR16H45HE3/45 (1)
1.80
45
50/tube
Tube
ITO-220AC
MBRF16H45HE3/45 (1)
1.94
45
50/tube
Tube
TO-263AB
MBRB16H45HE3/45 (1)
1.33
45
50/tube
Tube
TO-263AB
MBRB16H45HE3/81 (1)
1.33
81
800/reel
Tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com