Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR160 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR160
Description  Schottky Rectifier, 1 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR160 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR160 Datasheet HTML 1Page - Vishay Siliconix MBR160 Datasheet HTML 2Page - Vishay Siliconix MBR160 Datasheet HTML 3Page - Vishay Siliconix MBR160 Datasheet HTML 4Page - Vishay Siliconix MBR160 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 93439
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 06-Nov-08
3
MBR150, MBR160
Schottky Rectifier, 1 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Ambient Temperature vs.
Average Forward Current, Printed Circuit Board Mounted
Fig. 5 - Forward Power Loss Characteristics
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
Forward Voltage Drop - V
FM
(V)
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Tj = 150˚C
Tj = 125˚C
Tj = 25˚C
Reverse Voltage - V
R
(V)
0.0001
0.001
0.01
0.1
1
10
100
0
10
203040506070
125˚C
25˚C
T = 150˚C
J
Reverse Voltage - V
R
(V)
10
100
0
10203040506070
T = 25˚C
J
Average Forward Current - I
F(AV)
(A)
0
20
40
60
80
100
120
140
160
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
DC
Square wave (D = 0.50)
80% Rated Vr applied
see note (1)
Average Forward Current - I
F(AV)
(A)
0
0.2
0.4
0.6
0.8
1
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
DC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com