Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF2035CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBRF2035CT
Description  Dual Common-Cathode Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF2035CT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRF2035CT Datasheet HTML 1Page - Vishay Siliconix MBRF2035CT Datasheet HTML 2Page - Vishay Siliconix MBRF2035CT Datasheet HTML 3Page - Vishay Siliconix MBRF2035CT Datasheet HTML 4Page - Vishay Siliconix MBRF2035CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR(F,B)2035CT thru MBR(F,B)2060CT
Vishay General Semiconductor
Document Number: 88674
Revision: 08-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
100
10
1.0
0.1
0.01
MBR2035CT - MBR2045CT
MBR2050CT & MBR2060CT
0
0.2
0.1
1.0 1.1 1.2
0.4
0.3
0.6 0.7 0.8
0.5
0.9
T
J = 150 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
1
10
100
0.01
0.001
0.1
20
0
100
40
60
80
T
J = 125 °C
T
J = 25 °C
T
J = 75 °C
Percent of Rated Peak Reverse Voltage (%)
MBR2035CT - MBR2045CT
MBR2050CT & MBR2060CT
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
10
1
100
1000
10 000
100
0.1
MBR2035CT - MBR2045CT
MBR2050CT & MBR2060CT
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)
0.01
10
1
100
10
100
0.1
0.1
1
t - Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com