Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1035 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBRB1035
Description  Schottky Rectifier, 10 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB1035 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRB1035 Datasheet HTML 1Page - Vishay Siliconix MBRB1035 Datasheet HTML 2Page - Vishay Siliconix MBRB1035 Datasheet HTML 3Page - Vishay Siliconix MBRB1035 Datasheet HTML 4Page - Vishay Siliconix MBRB1035 Datasheet HTML 5Page - Vishay Siliconix MBRB1035 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93975
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
3
MBRB10.. Series
Schottky Rectifier, 10 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
100
VFM - Forward Voltage Drop (V)
0.4
0.6
1.0
1.4
1.8
0.8
1.2
1.6
0.2
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.0001
0.001
1
10
100
0.1
0.01
VR - Reverse Voltage (V)
10
515
20
40
45
25
30
35
0
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
100
1000
VR - Reverse Voltage (V)
20
10
30
40
50
0
T
J = 25 °C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
100
10
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Single pulse
(thermal resistance)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com