Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1035TRLPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBRB1035TRLPBF
Description  Schottky Rectifier, 10 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB1035TRLPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  MBRB1035TRLPBF Datasheet HTML 1Page - Vishay Siliconix MBRB1035TRLPBF Datasheet HTML 2Page - Vishay Siliconix MBRB1035TRLPBF Datasheet HTML 3Page - Vishay Siliconix MBRB1035TRLPBF Datasheet HTML 4Page - Vishay Siliconix MBRB1035TRLPBF Datasheet HTML 5Page - Vishay Siliconix MBRB1035TRLPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94302
4
Revision: 14-Aug-08
MBRB10..PbF Series
Vishay High Power Products
Schottky Rectifier, 10 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
120
130
140
125
135
150
145
IF(AV) - Average Forward Current (A)
6
39
12
15
0
DC
See note (1)
Square wave (D = 0.50)
Rated V
R applied
0
6
8
4
2
10
IF(AV) - Average Forward Current (A)
2
13
4
8
567
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com