Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1045 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBRB1045
Description  Schottky Rectifier, 10 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB1045 Datasheet(HTML) 5 Page - Vishay Siliconix

  MBRB1045 Datasheet HTML 1Page - Vishay Siliconix MBRB1045 Datasheet HTML 2Page - Vishay Siliconix MBRB1045 Datasheet HTML 3Page - Vishay Siliconix MBRB1045 Datasheet HTML 4Page - Vishay Siliconix MBRB1045 Datasheet HTML 5Page - Vishay Siliconix MBRB1045 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93975
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
5
MBRB10.. Series
Schottky Rectifier, 10 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Essential part number
2
-
B = D
2PAK
3
-
Current rating (10 = 10 A)
4
-
6
-
None = Standard production
PbF = Lead (Pb)-free
Voltage ratings
5
-
35 = 35 V
45 = 45 V
None = Tube (50 pieces)
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
Device code
5
13
24
6
MBR
B
10
45
TRL
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95046
Part marking information
http://www.vishay.com/doc?95054
Packaging information
http://www.vishay.com/doc?95032
SPICE model
http://www.vishay.com/doc?95293



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com