Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB3045CTP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRB3045CTP
Description  Schottky Rectifier, 2 x 15 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB3045CTP Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRB3045CTP Datasheet HTML 1Page - Vishay Siliconix MBRB3045CTP Datasheet HTML 2Page - Vishay Siliconix MBRB3045CTP Datasheet HTML 3Page - Vishay Siliconix MBRB3045CTP Datasheet HTML 4Page - Vishay Siliconix MBRB3045CTP Datasheet HTML 5Page - Vishay Siliconix MBRB3045CTP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94310
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 14-Aug-08
1
Schottky Rectifier, 2 x 15 A
MBRB30..CTPbF/MBR30..CT-1PbF
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Center tap D2PAK and TO-262 packages
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for Q101 level
DESCRIPTION
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150 °C junction
temperature. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 15 A
VR
35/45 V
IRM
100 mA at 125 °C
MBRB30..CTPbF
Base
common
cathode
D2PAK
TO-262
MBR30..CT-1PbF
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
Available
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform (per device)
30
A
IFRM
TC = 123 °C (per leg)
30
VRRM
35/45
V
IFSM
tp = 5 µs sine
1020
A
VF
20 Apk, TJ = 125 °C
0.6
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
MBRB3035CTPbF
MBR3035CT-1PbF
MBRB3045CTPbF
MBR3045CT-1PbF
UNITS
Maximum DC reverse voltage
VR
35
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
TC = 123 °C, rated VR
15
A
per device
30
Peak repetitive forward current per leg
IFRM
Rated VR, square wave, 20 kHz, TC = 123 °C
30
Non-repetitive peak surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load condition
and with rated VRRM applied
1020
Surge applied at rated load conditions halfwave,
single phase, 60 Hz
200
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 2 A, L = 5 mH
10
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - MBRB3045CTP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB3045CTP VISHAY-MBRB3045CTP Datasheet
128Kb / 6P
Schottky Rectifier, 2 x 15 A
16-Mar-10
MBRB3045CTPBF VISHAY-MBRB3045CTPBF Datasheet
128Kb / 6P
Schottky Rectifier, 2 x 15 A
16-Mar-10
MBRB3045CTPBF VISHAY-MBRB3045CTPBF Datasheet
128Kb / 6P
Schottky Rectifier, 2 x 15 A
16-Mar-10
More results

Similar Description - MBRB3045CTP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
Schottky Rectifier, 2 x 15 A
16-Mar-10
30CPQ080GPBF VISHAY-30CPQ080GPBF_12 Datasheet
182Kb / 7P
Schottky Rectifier, 2 x 15 A
02-Dec-11
30CTQ080PBF VISHAY-30CTQ080PBF_12 Datasheet
174Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
MBR3035WTPBF VISHAY-MBR3035WTPBF_12 Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 15 A
30-Aug-11
VS-32CTQ025PBF VISHAY-VS-32CTQ025PBF_15 Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 15 A
11-Oct-11
32CTQS VISHAY-32CTQS Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
VS-25CTQPBF VISHAY-VS-25CTQPBF Datasheet
171Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
VS-30CPQ0.0PBF VISHAY-VS-30CPQ0.0PBF Datasheet
170Kb / 7P
Schottky Rectifier, 2 x 15 A
01-Sep-11
VS-30L30CTPBF VISHAY-VS-30L30CTPBF Datasheet
150Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
VS-30CTQ0-N3 VISHAY-VS-30CTQ0-N3 Datasheet
170Kb / 7P
Schottky Rectifier, 2 x 15 A
11-Oct-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com