| Electronic Components Datasheet Search |
|
TEA3718DP Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TEA3718DP Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 16 page ![]() PIN FUNCTIONS Name Fu nctio n OUT B Output Connection (with pin OUTA). The output stage is a ”H” bridge formed by four transistors and four diodes suitable for switching applications. PULSE TIME A parallel RC network connected to this pin sets the OFF time of the lower power transistors. The pulse generator is a monostable triggered by the rising edge of the output of the comparators (toff = 0.69 RTCT). VS(B) Supply Voltage Input for Half Output Stage GND Ground Connection. In SO-20L and Powerdip these pins also conduct heat from die to printed circuit copper. VSS Supply Voltage Input for Logic Circuitry IN1 This pin and pin IN0 are logic inputs which select the outputs of three comparators to set the current level. Current also depends on the sensing resistor and reference voltage. See truth table. PHASE This TTL-compatible logic input sets the direction of current flow through the load. A high level causes current to flow from OUT A (source) to OUT B (sink). A Schmitt trigger on this input provides good noise immunity and a delay circuit prevents output stage short circuits during switching. IN0 See INPUT 1 COMPARATOR INPUT Input connected to the three comparators. The voltage across the sense resistor is feedback to this input through the low pass filter RCCC. The lower power transistor are disabled when the sense voltage exceeds the reference voltage of the selected comparator. When this occurs the current decays for a time set by RTCT,Toff = 0.69 RTCT. REFERENCE A voltage applied to this pin sets the reference voltage of the three comparators. Reference voltage with the value of RS and the two inputs IN0 and IN1 determines the output current. VS(A) Supply voltage input for half output stage OUT A See pin OUT B SENSE RESISTOR Connection to lower emitters of output stage for insertion of current sense resistor ALARM When Tj reaches T1 °C the alarm output becomes low (TEA3718SP) PRE-ALARM When Tj reaches T2 °C the prealarm output becomes low (T2<T1) (TEA3718SFP) TEA3718-TEA3718S 3/16 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |