Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20100CTGTLP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBR20100CTGTLP
Description  Schottky Rectifier, 2 x 10 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR20100CTGTLP Datasheet(HTML) 5 Page - Vishay Siliconix

  MBR20100CTGTLP Datasheet HTML 1Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 2Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 3Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 4Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 5Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 6Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94517
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 08-Oct-08
5
MBRB20...CTGPbF/MBR20...CTG-1PbF
Schottky Rectifier,
2 x 10 A
Vishay High Power Products
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics
(Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
100
110
120
130
140
150
0
2
4
6
8
10
12
14
16
DC
F(AV)
see note (1)
Average Forward Current - I
(A)
Sq uare wave (D = 0.50)
Rated V
applied
R
0
2
4
6
8
10
02
46
8
10
12
14
16
DC
F(AV)
RMSLimit
Average Forward Current - I
(A)
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t
(mic rosec )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com