Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5116 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA5116
Description  5 CHANNELS VIDEO SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5116 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA5116 Datasheet HTML 1Page - STMicroelectronics TEA5116 Datasheet HTML 2Page - STMicroelectronics TEA5116 Datasheet HTML 3Page - STMicroelectronics TEA5116 Datasheet HTML 4Page - STMicroelectronics TEA5116 Datasheet HTML 5Page - STMicroelectronics TEA5116 Datasheet HTML 6Page - STMicroelectronics TEA5116 Datasheet HTML 7Page - STMicroelectronics TEA5116 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
.
EACH CHANNEL EXCEPT FAST BLANKING
HAS 6dB GAIN
.
R, G, B AND VIDEO SIGNALS ARE CLAMPED
TO THE SAME REFERENCE VOLTAGE IN OR-
DER TO HAVE NO OUTPUT DIFFERENTIAL
VOLTAGE WHEN SWITCHING
.
ALL INPUT LEVELS COMPATIBLE WITH NFC
92250 AND EN 50049 NORMS
.
30MHz BAND WIDTH FOR R, G, B SIGNALS
.
INTERNAL 6.7V SHUNT REGULATOR FOR :
- LOW IMPEDANCE LOADS,
- POWER DISSIPATION LIMITATION
.
THE FIVE
CHANNELS ARE SIMULTANE-
OUSLY SWITCHED BY ONLY ONE SELECT
INPUT
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
SYNCHRO SIGNAL INPUT 2
GREEN SIGNAL INPUT 2
”C” SELECT INPUT
GREEN SIGNAL OUTPUT
GROUND
BLUE SIGNAL OUTPUT
SHUNT REGULATOR SUPPLY INPUT
BLUE SIGNAL INPUT 2
GREEN SIGNAL INPUT 1
SYNCHRO SIGNAL INPUT 1
RED SIGNAL INPUT 2
SYNCHRO SIGNAL OUTPUT
RED SIGNAL OUTPUT
FAST BLANKING OUTPUT
RED SIGNAL INPUT 1
BLUE SIGNAL INPUT 1
FAST BLANKING INPUT 2
FAST BLANKING INPUT 1
PIN CONNECTIONS
DIP18
(Plastic Package)
ORDER CODE : TEA5116
May 1996
TEA5116
5 CHANNELS VIDEO SWITCH
1/8


Similar Part No. - TEA5116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
Nov-1988
TEA5114 STMICROELECTRONICS-TEA5114 Datasheet
48Kb / 4P
RGB SWITCHING CIRCUIT
May-1996
TEA5114A STMICROELECTRONICS-TEA5114A Datasheet
48Kb / 4P
RGB SWITCHING CIRCUIT
May-1996
TEA5115 STMICROELECTRONICS-TEA5115 Datasheet
118Kb / 10P
5 CHANNELS VIDEO SWITCH
Sep-1993
More results

Similar Description - TEA5116

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
5-INPUT 3-OUTPUT VIDEO SWITCH
logo
STMicroelectronics
TEA5115 STMICROELECTRONICS-TEA5115 Datasheet
118Kb / 10P
5 CHANNELS VIDEO SWITCH
Sep-1993
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
7 x 5 Video Matrix Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
5-INPUT 3-OUTPUT VIDEO SWITCH
logo
Hitachi Semiconductor
HA11513 HITACHI-HA11513 Datasheet
198Kb / 3P
5 Channel Video Switch
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
Integrated Device Techn...
IDTVS512 IDT-IDTVS512 Datasheet
142Kb / 8P
WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
logo
Richtek Technology Corp...
RT9645 RICHTEK-RT9645 Datasheet
389Kb / 13P
5 Channels ACPI Regulator
logo
Agamem Microelectronic ...
AA7623SP AGAMEM-AA7623SP Datasheet
76Kb / 4P
Three Channels Video Driver
logo
STMicroelectronics
AN2526 STMICROELECTRONICS-AN2526 Datasheet
185Kb / 10P
STMAV340 has 4 channels and a 2 to 1 video switch
30-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com