Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST103SP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ST103SP
Description  Inverter Grade Thyristors (Stud Version), 105 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST103SP Datasheet(HTML) 6 Page - Vishay Siliconix

  ST103SP Datasheet HTML 1Page - Vishay Siliconix ST103SP Datasheet HTML 2Page - Vishay Siliconix ST103SP Datasheet HTML 3Page - Vishay Siliconix ST103SP Datasheet HTML 4Page - Vishay Siliconix ST103SP Datasheet HTML 5Page - Vishay Siliconix ST103SP Datasheet HTML 6Page - Vishay Siliconix ST103SP Datasheet HTML 7Page - Vishay Siliconix ST103SP Datasheet HTML 8Page - Vishay Siliconix ST103SP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94365
6
Revision: 29-Apr-08
ST103SP Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 105 A
Fig. 9 - Reverse Recovered Charge Characteristics
Fig. 10 - Reverse Recovery Current Characteristics
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
20
20
10
30
40
50
60
70
80
90
100
40
60
80
100
120
140
160
ST103S Series
T
J = 125 °C
dI/dt - Rate of Fall of On-State Current (A/µs)
I
TM = 500 A
I
TM = 300 A
I
TM = 200 A
I
TM = 100 A
I
TM = 50 A
10
20
30
40
50
60
70
80
90
100
110
120
dI/dt - Rate of Fall of Forward Current (A/µs)
ST103S Series
T
J = 125 °C
20
10
30
40
50
60
70
80
90
100
I
TM = 500 A
I
TM = 300 A
I
TM = 200 A
I
TM = 100 A
I
TM = 50 A
100
10
100
1000
10 000
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 22 Ω
C
s = 0.15 µF
V
D = 80 % VDRM
t
p
ST103S Series
Sinusoidal pulse
T
C = 60 °C
50 Hz
100
200
400
1000
2000
5000
10 000
100
10
100
1000
10 000
1000
10000
Pulse Basewidth (µs)
t
p
ST103S Series
Sinusoidal pulse
T
C = 85 °C
50 Hz
100
200
400
1000
2000
5000
10 000
Snubber circuit
R
s = 22 Ω
C
s = 0.15 µF
V
D = 80 % VDRM
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 22 Ω
C
s = 0.15 µF
V
D = 80 % VDRM
ST103S Series
Trapezoidal pulse
T
C = 60 °C
dI/dt = 50 A/µs
t
p
5000
2500
1500
1000 400 200 100 50 Hz
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 22 Ω
C
s = 0.15 µF
V
D = 80 % VDRM
ST103S Series
Trapezoidal pulse
T
C = 85 °C
dI/dt = 50 A/µs
t
p
50 Hz
100
200
400
1000
1500
2500
5000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com